Electronic Components Datasheet Search
  English  ▼

X  

6882012 Datasheet(PDF) 2 Page - Turck, Inc.

Part # 6882012
Description  FOUNDATION fieldbus Diagnostic Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

6882012 Datasheet(HTML) 2 Page - Turck, Inc.

  6882012 Datasheet HTML 1Page - Turck, Inc. 6882012 Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com2 / 2
Type
DPC-49-ADU
ID
6882012
Power consumption
ð
0.8 W
Supply voltage
via the backplane
Current consumption
< 100 mA
Galvanic isolation
All-round galvanic separation, test voltage 500 VAC
Diagnostics
1 x relay
Switching current
ð
1000 mA
Switching voltage
ð
30 VDC
Galvanically separated against other electronic parts
Displays/Operating elements
Operational readiness
1 × green/red
Alarm
4 x yellow / red
Protection class
IP20
MTTF
126 years acc. to SN 29500 (Ed. 99) 40 °C
Ambient temperature
-20…+60 °C
Housing material
Plastic
Housing color
Yellow
Dimensions
18 x 118 x 103 mm
Dimensions



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com