Electronic Components Datasheet Search
  English  ▼

X  

2CL01 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2CL01
Description  High Voltage Fast Recovery Rectifier 8k V Volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2CL01 Datasheet(HTML) 1 Page - Micro Commercial Components

  2CL01 Datasheet HTML 1Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2CL01
High Voltage
8kV Volts
2CL01
Features
Maximum Ratings
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
2CL01
-----
8000V
5600V
8000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
5mA
TA =
25°C
Peak Forward Surge
Current
IFSM
0.5A
50Hz, half sine
Maximum
Instantaneous
Forward
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
2.0uA V=8kV,TA= 25
°C
A
B
C
D
D
Cathode
Mark
MCC
www.mccsemi.com
Voltage
IF = 10mA DC;
TA = 25
°C
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
Revision: 1
2006/01/05
! FOR COLOR TV RECEIVERS / MONITORS
TRIPLER CIRCUIT,DOUBLER CIRCUIT,SINGLE CIRCUIT.
MULTISTAGE SINGULAR FLYBACK TRANSFORMER.
! EXCELLENT HIGH TEMPERATURE OUTPUT CHARACTERISTICS
Fast Recovery Rectifier
Operating Temperature(Tj): -40
°C to +100°C
Storage Temperature(TSTG): -40
°C to +120°C
VF
28V
Maximum Reverse
Recovery Time
Trr
50ns
IF=2mA, IRM=4mA
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.252
.260
6.4
6.6
B
.094
.102
2.40
2.60
Φ
C
.0197(Typ)
Φ
D
1.102
---
28.0
---
TM
Micro Commercial Components
0.5
(Typ)
5.0uA V=8kV,TA= 100
°C


Similar Part No. - 2CL01

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
2CL01 SIPOWER-2CL01 Datasheet
72Kb / 2P
Ultra-Fast Recovery High Voltage Diodes
logo
DONGGUAN YOU FENG WEI E...
2CL01 YFWDIODE-2CL01 Datasheet
585Kb / 3P
UItra-Fast recovery high voltage diodes
logo
American Microsemicondu...
2CL01-12 AMMSEMI-2CL01-12 Datasheet
673Kb / 4P
High Voltage Rectifier Series
2CL01-12A AMMSEMI-2CL01-12A Datasheet
673Kb / 4P
High Voltage Rectifier Series
More results

Similar Description - 2CL01

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
R3500F MCC-R3500F Datasheet
67Kb / 3P
0.2mA Fast Recovery High Voltage Rectifier 3500 - 6000 Volts
logo
Solid States Devices, I...
SDAD102F SSDI-SDAD102F Datasheet
40Kb / 1P
2,500 to 15,000 VOLTS FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDRS614 SSDI-SDRS614 Datasheet
25Kb / 1P
250 mA 2,200 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
SDRS614LL SSDI-SDRS614LL Datasheet
29Kb / 1P
250 mA 2,200 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Shanghai Lunsure Electr...
R2500F CHENYI-R2500F Datasheet
46Kb / 2P
200Milliamp High voltage fast recovery silicon rectifier 2500to3000 volts
logo
Frontier Electronics.
FR02-25 FRONTIER-FR02-25 Datasheet
129Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
FV5M-04-LFR FRONTIER-FV5M-04-LFR Datasheet
122Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
R1200F LUGUANG-R1200F Datasheet
246Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
RC0100 SSDI-RC0100_15 Datasheet
30Kb / 1P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
SRH20F SSDI-SRH20F Datasheet
105Kb / 2P
1.5 AMP 2,000 - 3,000 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com