Electronic Components Datasheet Search
  English  ▼

X  

34701 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # 34701
Description  1.5 A Switch-Mode Power Supply with Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34701 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button 34701_07 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34701_07 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34701_07 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34701_07 Datasheet HTML 32Page - Freescale Semiconductor, Inc 34701_07 Datasheet HTML 33Page - Freescale Semiconductor, Inc 34701_07 Datasheet HTML 34Page - Freescale Semiconductor, Inc 34701_07 Datasheet HTML 35Page - Freescale Semiconductor, Inc 34701_07 Datasheet HTML 36Page - Freescale Semiconductor, Inc 34701_07 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
33
34701
TYPICAL APPLICATIONS
Figure 32. 34701 Buck Regulator Layout
The same guidelines as those for the layout of the main
switching buck regulator should be applied to the layout of the
low power auxiliary boost regulator and to some extent, the
power path of the linear regulator.
SW
PGND
INV
Vout = 1.5 V
GND
BOOT
VBST
VIN2
Cb
Vin= 5.0V
Vout Return
Signal
Ground
Power
Ground
To Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com