Electronic Components Datasheet Search
  English  ▼

X  

IRF7104 Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7104
Description  -30V Dual P-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7104 Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7104 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7104 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7104 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7104 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7104 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7104 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7104 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature.
ƒ Pulse width ≤ 300µs; duty cycle ≤
‚ I
SD ≤ -2.3A, di/dt ≤ 100A/µs, V
DD ≤ V(BR)DSS,
TJ ≤ 150°C
2%.
Electrical Characteristics T
A = 25°C unless otherwi
„ Surface mounted on FR-4 board, t ≤ 10sec.
se noted
Parameter
Min. Typ. Max. Units
Conditions
Drain-to-Source Breakdown Voltage
-3
V(BR)DSS
0
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– -0.015 –––
V/°C Reference to 25°C, ID = -1mA
190
GS = -10V, ID = -1.0A
250
V
ƒ
300
GS = -4.5V, ID = -0.50A
400
V
ƒ
VGS(th)
Gate Threshold Voltage
-1.0 ––– -3.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
––– 2.5 –––
S
VDS = -15V, ID = -2.3A ƒ
––– ––– -2.0
VDS = -16V, VGS = 0V
––– ––– -25
VDS = -16V, VGS = 0V, TJ = 55 °C
Gate-to-Source Forward Leakage
––– ––– -100
VGS = -12V
Gate-to-Source Reverse Leakage
––– ––– 100
VGS = 12V
Qg
Total Gate Charge
––– 9.3
25
ID = -2.3A
Qgs
Gate-to-Source Charge
––– 1.6 –––
nC
VDS = -10V
Qgd
Gate-to-Drain ("Miller") Charge
––– 3.0 –––
VGS = -10V ƒ
td(on)
Turn-On Delay Time
–––
12
40
VDD = -10V
tr
Rise Time
–––
16
40
ID = -1.0A
Turn-Off Delay Time
–––
42
90
RG = 6.0
td(off)
Ω
Fall Time
–––
30
50
RD = 10Ω
tf
ƒ
Between lead,6mm(0.25in.)
from package and center
of die contact
Ciss
Input Capacitance
––– 290 –––
VGS = 0V
Coss
Output Capacitance
––– 210 –––
pF
VDS = -15V
Crss
Reverse Transfer Capacitance
–––
67
–––
ƒ = 1.0MHz
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
Pulsed Source Current
integral r
ISM
everse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
––– ––– -1.2
V
TJ = 25°C, IS = -1.25A, VGS = 0V ƒ
Reverse Recovery Time
–––
69
100
ns
TJ = 25°C, IF
trr
= -1.25A
Reverse RecoveryCharge
–––
90
140
nC
di/dt = 100A/µs
Qrr
ƒ
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
––– ––– -9.2
––– ––– -2.0
I
I
A
GSS
DSS
Drain-to-Source Leakage Current
LS
L
Internal Source Inductance
––– 6.0
–––
D
Internal Drain Inductance
––– 4.0
–––
nH
ns
nA
µA
Ω
RDS(ON)
Static Drain-to-Source On-Resistance
S
D
G
S
D
G
m
-30V Dual P-Channel MOSFET
IRF7104
Rev:2023A2
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com