Electronic Components Datasheet Search
  English  ▼

X  

PUMH1 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PUMH1
Description  NPN resistor-equipped double transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUMH1 Datasheet(HTML) 4 Page - NXP Semiconductors

  PUMH1 Datasheet HTML 1Page - NXP Semiconductors PUMH1 Datasheet HTML 2Page - NXP Semiconductors PUMH1 Datasheet HTML 3Page - NXP Semiconductors PUMH1 Datasheet HTML 4Page - NXP Semiconductors PUMH1 Datasheet HTML 5Page - NXP Semiconductors PUMH1 Datasheet HTML 6Page - NXP Semiconductors PUMH1 Datasheet HTML 7Page - NXP Semiconductors PUMH1 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 May 20
4
Philips Semiconductors
Product specification
NPN resistor-equipped double transistor
PUMH1
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per transistor
ICBO
collector cut-off current
IE = 0; VCB =50V
−−
100
nA
ICEO
collector cut-off current
IB = 0; VCE =30V
−−
1
µA
IB = 0; VCE =30V; Tj = 150 °C
−−
50
µA
IEBO
emitter cut-off current
IC = 0; VEB =5V
−−
180
µA
hFE
DC current gain
IC = 5 mA; VCE =5V
60
−−
VCEsat
collector-emitter saturation voltage
IC = 10 mA; IB = 0.5 mA
−−
150
mV
Vi(off)
input-off voltage
IC = 100 µA; VCE =5V
−
1.1
0.8
V
Vi(on)
input-on voltage
IC = 5 mA; VCE = 200 mV
2.5
1.7
−
V
R1
input resistor
15.4
22
28.6
k
Ω
resistor ratio
0.8
1
1.2
Cc
collector capacitance
IE =ie = 0; VCB = 10 V; f = 1 MHz
−−
2.5
pF
R2
R1
-------
Fig.3
DC current gain as a function of collector
current; typical values.
VCE =5V.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −40 °C.
handbook, halfpage
MGM916
10−1
110
102
IC (mA)
hFE
103
10
102
1
(1)
(2)
(3)
Fig.4
Collector-emitter saturation voltage as a
function of collector current; typical values.
IC/IB = 20.
(1) Tamb = 100 °C.
(2) Tamb =25 °C.
(3) Tamb = −40 °C.
handbook, halfpage
1
(2)
(3)
(1)
10−1
10−2
MGM915
10−1
110
102
IC (mA)
VCEsat
(V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com