Electronic Components Datasheet Search
  English  ▼

X  

34921 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # 34921
Description  Configurable Motor Driver IC with Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34921 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button 34921 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 32Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 33Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 34Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
31
34921
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
LOGIC COMMANDS AND REGISTERS
Truth Tables use the following notations:
For inputs, ILIMIT = 0 means TSD, ILIMIT condition not encountered. ILIMIT = 1 means TSD, ILIMIT condition encountered.
For outputs XDCMA and XDCMB, 0 means low-side ON, 1 means high-side ON, Z means both OFF.
Table 19. DC Motors Truth Table
Inputs
Outputs
Xdca
Xdcb
XDCPWM
RST
ILIMIT Top
ILIMIT Bottom
Thermal
Shutdown
(TSD)
XDCMA
XDCMB
X
X
X
X
X
X
1
Z
Z
X
X
X
X
0
1
0
1
1
X
X
X
X
1
0
0
0
0
X
X
X
X
1
1
0
0
0
X
X
X
0
0
0
0
0
0
0
0
X
1
0
0
0
0
0
0
1
0
1
0
0
0
1
1
0
1
1
1
0
0
0
0
1
1
0
0
1
0
0
0
1
1
1
0
1
1
0
0
0
1
0
1
1
X
1
0
0
0
1
1
Table 20. Low-Side Out (LSOUT) Drivers Truth Table (Motor Driver Configured for H-bridge DC Motor)
Note The LSOUT terminals are controlled by the OUT1 and OUT2 signals (Bit 14 and Bit 15 in the NORMAL input frame).
LSOUT is only available when Motor Driver C is configured as DC motor. (Set Bit 4 = 1 in CONFIG frame.)
Inputs
Output
Xdca
Xdcb
XDCPWM
OUTx
RST
ILIMIT Output
TSD
LSOUTx
X
X
X
X
X
X
1
OFF
X
X
X
X
0
X
0
OFF
X
X
X
0
1
0
0
OFF
X
X
X
1
1
0
0
ON
X
X
X
1
1
1
0
Limited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com