Electronic Components Datasheet Search
  English  ▼

X  

MMA2301 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMA2301
Description  Surface Mount Micromachined Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA2301 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMA2301 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA2301 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA2301 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA2301 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA2301 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA2301 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA2301 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA2301 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA2301 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Sensors
Freescale Semiconductor
5
MMA2301D
BASIC CONNECTIONS
PINOUT DESCRIPTION
Figure 4. SOIC Accelerometer with Recommended
Connection Diagram
Figure 5. Recommend PCB Layout for Interfacing
Accelerometer to Microcontroller
NOTES:
•
Use a 0.1
µF capacitor on VDD to decouple the power
source.
•
Physical coupling distance of the accelerometer to the
microcontroller should be minimal.
•
Place a ground plane beneath the accelerometer to
reduce noise, the ground plane should be attached to all
of the open ended terminals shown in Figure 5
•
Use an RC filter of 1 k
Ω and 0.01 µF on the output of the
accelerometer to minimize clock noise (from the switched
capacitor filter circuit).
•
PCB layout of power and ground should not couple power
supply noise.
•
Accelerometer and microcontroller should not be a high
current path.
A/D sampling rate and any external power supply
switching frequency should be selected such that they do not
interfere with the internal accelerometer sampling frequency.
This will prevent aliasing errors.
Table 3. Pin Descriptions
Pin No.
Pin Name
Description
1 thru 3
N/C
Leave unconnected.
4
ST
Logic input pin used to initiate self-
test.
5VOUT
Output voltage of the accelerometer.
6
STATUS
Logic output pin to indicate fault.
7VSS
The power supply ground.
8VDD
The power supply input.
9 thru 13
Trim pins
Used for factory trim. Leave
unconnected.
14 thru 16
—
No internal connection. Leave
unconnected.
10
11
12
13
14
15
16
9
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
8
7
6
5
4
3
2
1
N/C
N/C
N/C
ST
VOUT
STATUS
VDD
VSS
MMA2301D
ST
VDD
VSS
VOUT
Output
Signal
R1
1 k
Ω
5
C2
0.01
µF
4
8
7
Logic
Input
VDD
C1
0.1
µF
6
Status
P0
A/D In
VRH
VSS
VDD
ST
VOUT
VSS
VDD
0.01
µF
1 k
Ω
0.1
µF
Power Supply
C
0.1
µF
P1
STATUS
C
C
C
0.1
µF
PCB Layout
R



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com