Electronic Components Datasheet Search
  English  ▼

X  

MMA6261Q Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MMA6261Q
Description  짹1.5g Dual Axis Micromachined Accelerometer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6261Q Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MMA6261Q Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA6261Q Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA6261Q Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6261Q Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6261Q Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6261Q Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6261Q Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6261Q Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6261Q Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MMA6260Q
Sensors
Freescale Semiconductor
3
Table 2. Operating Characteristics
Unless otherwise noted: –20°C < TA < 85°C, 3.0 V < VDD < 3.6 V, Acceleration = 0g, Loaded output (1)
1. For a loaded output, the measurements are observed after an RC filter consisting of a 1.0 kΩ resistor and a 0.1 µF capacitor to ground.
Characteristic
Symbol
Min
Typ
Max
Unit
Operating Range(2)
2. These limits define the range of operation for which the part will meet specification.
Supply Voltage(3)
3. Within the supply range of 2.7 and 3.6 V, the device operates as a fully calibrated linear accelerometer. Beyond these supply limits the device
may operate as a linear device but is not guaranteed to be in calibration.
VDD
2.7
3.3
3.6
V
Supply Current
MMA6260Q, MMA6261Q
IDD
—1.2
1.5
mA
MMA6262Q, MMA6263Q
IDD
—2.2
3.0
mA
Operating Temperature Range
TA
–20
—
+85
°C
Acceleration Range
gFS
—1.5
—
g
Output Signal
Zero g (TA = 25°C, VDD = 3.3 V)(4)
4. The device can measure both + and – acceleration. With no input acceleration the output is at midsupply. For positive acceleration the output
will increase above VDD/2. For negative acceleration, the output will decrease below VDD/2.
VOFF
1.485
1.65
1.815
V
Zero g
VOFF, TA
—2.0
—
mg/°C
Sensitivity (TA = 25°C, VDD = 3.3 V)
S
740
800
860
mV/g
Sensitivity
S, TA
—
0.015
—
%/°C
Bandwidth Response
MMA6260Q
f_3dB
—50
—
Hz
MMA6261Q
f_3dB
—
300
—
Hz
MMA6262Q
f_3dB
—
150
—
Hz
MMA6263Q
f_3dB
—
900
—
Hz
Nonlinearity
NLOUT
–1.0
—
+1.0
% FSO
Noise
MMA6260Q RMS (0.1 Hz – 1 kHz)
nRMS
—1.8
—
mVrms
MMA6261Q RMS (0.1 Hz – 1 kHz)
nRMS
—3.5
—
MMA6262Q RMS (0.1 Hz – 1 kHz)
nRMS
—1.3
—
MMA6263Q RMS (0.1 Hz – 1 kHz)
nRMS
—2.5
—
Power Spectral Density RMS (0.1 Hz – 1 kHz)
MMA6260Q, MMA6261Q
nPSD
—
300
—
ug/√Hz
MMA6262Q, MMA6263Q
nPSD
—
200
—
Self-Test
Output Response
VST
0.9 VDD
—VDD
V
Input Low
VIL
—
—
0.3 VDD
V
Input High
VIH
0.7 VDD
—VDD
V
Pull-Down Resistance(5)
5. The digital input pin has an internal pull-down resistance to prevent inadvertent self-test initiation due to external board level leakages.
RPO
43
57
71
kΩ
Response Time(6)
6. Time for the output to reach 90% of its final value after a self-test is initiated.
tST
—2.0
—
ms
Output Stage Performance
Full-Scale Output Range (IOUT = 200 µA)
VFSO
VSS +0.25
—
VDD –0.25
V
Capacitive Load Drive(7)
7. Preserves phase margin (60°) to guarantee output amplifier stability.
CL
—
—
100
pF
Output Impedance
ZO
—
50
300
Ω
Power-Up Response Time
MMA6260Q
tRESPONSE
—14
—
ms
MMA6261Q
tRESPONSE
—2.0
—
ms
MMA6262Q
tRESPONSE
—4.0
—
ms
MMA6263Q
tRESPONSE
—0.7
—
ms
Mechanical Characteristics
Transverse Sensitivity(8)
8. A measure of the device’s ability to reject an acceleration applied 90° from the true axis of sensitivity.
VZX, YX, ZY
–5.0
—
+5.0
% FSO



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com