Electronic Components Datasheet Search
  English  ▼

X  

BAS19WT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS19WT
Description  200mW Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS19WT Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS19WT Datasheet HTML 1Page - Micro Commercial Components BAS19WT Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS19WT
BAS20WT
BAS21WT
200mW Switching
Diode
Features
•
Power dissipation: 200mW (Tamb=25
℃)
•
Collector current: 200mA
Maximum Ratings
•
Operating Temperature: -55
℃ to +150℃
•
Storage Temperature: -55
℃ to +150℃
Electrical Characteristics @ 25°C Unless Otherwise Specified
Reverse Voltage
BAS19WT
BAS20WT
BAS21WT
VR
100V
150V
200V
IR=100
μA
Peak Forward Current
IF
200mA
Maximum
Instantaneous Forward
Voltage
VF
1.0V
1.25V
IFM =100mA;
IFM =200mA;
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
IR
0.1
µA
VR=100Volts(BAS19WT)
VR=150Volts(BAS20WT)
VR=200Volts(BAS21WT)
Diode Capacitance
CD
5pF
Measured at 1.0MHz,
VR=0V
Reverse Recovery
Time
Trr
50ns
IF=IR=30mA
Irr=0.1IR
Revision: 2
2006/05/24
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
SOT-323
Suggested Solder
Pad Layout
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.087
1.80
2.20
B
.045
.053
1.15
1.35
C
.079
.087
2.00
2.20
D
.026 Nominal
0.65Nominal
E
.047
.055
1.20
1.40
F
.012
.016
.30
.40
G
.000
.004
.000
.100
H
.035
.039
.90
1.00
J
.004
.010
.100
.250
K
.012
.016
.30
.40
A
C
B
D
E
F
G
H
J
1.90
0.70
0.90
0.65
0.65
DIMENSIONS
K
BAS19WT
KA8
BAS20WT
KT2
BAS21W T
KT3
TM
Micro Commercial Components
Marking:
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
www.mccsemi.com
1 of 2


Similar Part No. - BAS19WT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS19WT MCC-BAS19WT Datasheet
157Kb / 2P
200mW Switching Diode
BAS19WT MCC-BAS19WT_11 Datasheet
157Kb / 2P
200mW Switching Diode
BAS19WT MCC-BAS19WT_13 Datasheet
201Kb / 2P
200mW Switching Diode
BAS19WT_1309 MCC-BAS19WT_1309 Datasheet
189Kb / 2P
200mW Switching Diode
More results

Similar Description - BAS19WT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS16WT MCC-BAS16WT Datasheet
111Kb / 1P
200mW Switching Diode
BAV70WT MCC-BAV70WT Datasheet
345Kb / 2P
200mW Switching Diode
BAW56WT MCC-BAW56WT Datasheet
378Kb / 2P
200mW Switching Diode
BAS16WT MCC-BAS16WT_11 Datasheet
156Kb / 2P
200mW Switching Diode
BAS19WT MCC-BAS19WT_11 Datasheet
157Kb / 2P
200mW Switching Diode
BAV70WT MCC-BAV70WT_11 Datasheet
210Kb / 2P
200mW Switching Diode
BAS16WT MCC-BAS16WT_13 Datasheet
191Kb / 2P
200mW Switching Diode
BAS19WT MCC-BAS19WT_13 Datasheet
201Kb / 2P
200mW Switching Diode
BAV70WT MCC-BAV70WT_13 Datasheet
231Kb / 2P
200mW Switching Diode
BAV70WT_1309 MCC-BAV70WT_1309 Datasheet
234Kb / 2P
200mW Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com