Electronic Components Datasheet Search
  English  ▼

X  

BAS40WX Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS40WX
Description  Surface Mount Schottky Barrier Diode 350mW
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS40WX Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS40WX Datasheet HTML 1Page - Micro Commercial Components BAS40WX Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.043
0.80
1.10
E
.010
.016
0.25
0.40
G
.006
.018
0.15
0.45
H
.004
.010
0.10
0.25
J
-----
.004
-----
0.10
Features
l Fast Switching Speed
l Low Turn-on Voltage
l Surface Mount Package Ideally Suited for Automatic Insertion
l PN Junction Guard Ring for Transient and ESD Protection
Mechanical Data
l Marking: 43
l Polarity: Indicated by Cathode Band
l Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Maximum Ratings @ 25oC Unless Otherwise Specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
V
RRM
V
RWM
V
R
40
V
RMS Reverse Voltage
V
R(RMS)
28
V
Forward Continuous Current(Note1)
I
FM
200
mA
Forward Surge Current @ t<1.0s
I
FSM
600
mA
Power Dissipation(Note 1)
P
d
350
mW
Thermal Resistance(Note 1)
R
357
oC/W
Operation Temp. Range
T
j
-55 to +125
oC
Storage Temp. Range
T
STG
-65 to +150
oC
Electrical Characteristics @ 25oC Unless Otherwise Specified
Charateristic
Symbol Min Typ
Max
Unit
Test Cond.
Forward Voltage
VF
----- -----
0.38
1
V
tp<300us I F=1.0mA
tp<300us I F=40mA
Reverse Leakage
Current
IR
-----
20
200
nA
tp<300us V R=30V
Junction
Capacitance
Cj
-----
4
5
pF
VR=0V, f=1.0MHz
Reverse Recovery
Time
trr
----- -----
5
ns
IF=IR=10mA
IR=1.0mA,
RL=100OHM
Note: 1. Valid provided that terminals are kept at
ambient temperature.
BAS40WX
Surface Mount
Schottky Barrier Diode
A B
C
D
E
G
H
J
SOD-323
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
          

 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
www.mccsemi.com
Revision: 4
2006/05/13
TM
Micro Commercial Components
1 of 2
350mW


Similar Part No. - BAS40WX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS40WX MCC-BAS40WX Datasheet
176Kb / 2P
Surface Mount Schottky Barrier Diode 350mW
BAS40WX MCC-BAS40WX_11 Datasheet
176Kb / 2P
Surface Mount Schottky Barrier Diode 350mW
BAS40WX MCC-BAS40WX_13 Datasheet
203Kb / 2P
Surface Mount Schottky Barrier Diode 350mW
More results

Similar Description - BAS40WX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
logo
Micro Commercial Compon...
MMBD4448 MCC-MMBD4448 Datasheet
93Kb / 3P
Surface Mount Schottky Barrier Switching Diode 350mW
logo
Diodes Incorporated
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
logo
Shanghai Lunsure Electr...
MMBD4448 CHENYI-MMBD4448 Datasheet
61Kb / 3P
Surface mount schottky barrier switching diode 350mW
logo
Micro Commercial Compon...
BAS40WX MCC-BAS40WX_11 Datasheet
176Kb / 2P
Surface Mount Schottky Barrier Diode 350mW
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 30
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 32
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 32
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 32
logo
Micro Commercial Compon...
BAS40WX MCC-BAS40WX_13 Datasheet
203Kb / 2P
Surface Mount Schottky Barrier Diode 350mW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com