Electronic Components Datasheet Search
  English  ▼

X  

MPC862 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC862
Description  PowerQUICC??Family Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC862 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC862_06 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC862_06 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC862_06 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC862_06 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC862_06 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC862_06 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC862_06 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC862_06 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC862_06 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
MPC862/857T/857DSL PowerQUICC™ Family Hardware Specifications, Rev. 3
10
Freescale Semiconductor
Thermal Characteristics
4
Thermal Characteristics
Table 3 shows the thermal characteristics for the MPC862/857T/857DSL.
5
Power Dissipation
Table 4 provides power dissipation information. The modes are 1:1, where CPU and bus speeds are equal,
and 2:1 mode, where CPU frequency is twice bus speed.
Table 3. MPC862/857T/857DSL Thermal Resistance Data
Rating
Environment
Symbol
Value
Unit
Junction to ambient 1
1
Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site
(board) temperature, ambient temperature, air flow, power dissipation of other components on the board,
and board thermal resistance.
Natural Convection
Single layer board (1s)
RθJA
2
2
Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
37
°C/W
Four layer board (2s2p)
RθJMA
3
3
Per JEDEC JESD51-6 with the board horizontal.
23
Air flow (200 ft/min)
Single layer board (1s)
RθJMA
3
30
Four layer board (2s2p)
RθJMA
3
19
Junction to board 4
4
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature
is measured on the top surface of the board near the package.
RθJB
13
Junction to case 5
5
Indicates the average thermal resistance between the die and the case top surface as measured by the cold
plate method (MIL SPEC-883 Method 1012.1) with the cold plate temperature used for the case
temperature. For exposed pad packages where the pad would be expected to be soldered, junction to case
thermal resistance is a simulated value from the junction to the exposed pad without contact resistance.
RθJC
6
Junction to package top 6
6
Thermal characterization parameter indicating the temperature difference between package top and the
junction temperature per JEDEC JESD51-2.
Natural Convection
ΨJT
2
Air flow (200 ft/min)
ΨJT
2
Table 4. Power Dissipation (PD)
Die Revision
Frequency
Typical 1
Maximum 2
Unit
0
(1:1 Mode)
50 MHz
656
735
mW
66 MHz
TBD
TBD
mW
A.1, B.0
(1:1 Mode)
50 MHz
630
760
mW
66 MHz
890
1000
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com