Electronic Components Datasheet Search
  English  ▼

X  

MPC5553 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC5553
Description  Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC5553 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5553 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
MPC5553 Microcontroller Data Sheet, Rev. 2.0
Electrical Characteristics
Freescale Semiconductor
4
3
Electrical Characteristics
This section contains detailed information on power considerations, DC/AC electrical characteristics, and
AC timing specifications for the MCU.
3.1
Maximum Ratings
MPC5553MVF132
MPC5553 Lead 208 package
132
132
–40° C
125° C
MPC5553MVF112
112
114
MPC5553MVF80
80
82
1 All devices are PPC5553, rather than MPC5553, until the product qualifications. Not all configurations are available in the PPC
parts.
2 The lowest operating temperature is referenced by T
L; the highest operating temperature is referenced by TH.
3
Speed is the nominal maximum frequency. Max speed is the maximum speed allowed including any frequency modulation.
80 MHz parts allow for 80 MHz + 2% modulation. However, 132 MHz devices allow 128 MHz plus two percent frequency
modulation only.
Table 2. Absolute Maximum Ratings1
Spec
Characteristic
Symbol
Min
Max2
Unit
1
1.5 V core supply voltage 3
VDD
–0.3
1.7
V
2
Flash program/erase voltage
VPP
–0.3
6.5
V
3
Flash core voltage
VDDF
–0.3
1.7
V
4
Flash read voltage
VFLASH
–0.3
4.6
V
5
SRAM standby voltage
VSTBY
–0.3
1.7
V
6
Clock synthesizer voltage
VDDSYN
–0.3
4.6
V
7
3.3 V I/O buffer voltage
VDD33
–0.3
4.6
V
8
Voltage regulator control input voltage
VRC33
–0.3
4.6
V
9
Analog supply voltage (reference to VSSA)VDDA
–0.3
5.5
V
10
I/O supply voltage (fast I/O pads) 4
VDDE
–0.3
4.6
V
11
I/O supply voltage (slow and medium I/O pads) 4
VDDEH
–0.3
6.5
V
12
DC input voltage5
VDDEH powered I/O pads
VDDE powered I/O pads
VIN
–1.06
–1.06
6.57
4.68
V
13
Analog reference high voltage (reference to VRL)VRH
–0.3
5.5
V
14
VSS differential voltage
VSS – VSSA
–0.1
0.1
V
15
VDD differential voltage
VDD – VDDA
–VDDA
VDD
V
16
VREF differential voltage
VRH – VRL
–0.3
5.5
V
Table 1. Orderable Part Numbers (continued)
Freescale Part Number1
Package Description
Speed (MHz)
Operating Temperature2
Nominal
Max3 (fMAX)
Min (TL)
Max (TH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com