Electronic Components Datasheet Search
  English  ▼

X  

MBR1630FCT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR1630FCT
Description  16 Amp Schottky Rectifier 20-100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR1630FCT Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR1630FCT Datasheet HTML 1Page - Micro Commercial Components MBR1630FCT Datasheet HTML 2Page - Micro Commercial Components MBR1630FCT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR1620FCT
THRU
MBR16100FCT
16 Amp
Schottky Rectifier
20-100 Volts
Features
•
High Surge Capability
•
Low Forward Voltage Drop
•
Low Power Loss, High Efficiency
•
Operating Temperature: -50
℃ to +125℃
•
Storage Temperature: -50
℃ to +125℃
•
Maximum Thermal Resistance: RθJC = 2.0
℃/W
MCC
Part Number
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum DC
Blocking Voltage
MBR1620FCT
20V
14V
20V
MBR1630FCT
30V
21V
30V
MBR1640FCT
40V
28V
40V
MBR1650FCT
50V
35V
50V
MBR1660FCT
60V
42V
60V
MBR1680FCT
80V
56V
80V
MBR16100FCT
100V
70V
100V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward Current
IF(AV)
16 A
TC = 90
℃
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum Instantaneous
Forward Voltage
MBR1620FCT-1640FCT
MBR1650FCT-1660FCT
MBR1680FCT16100FCT
VF
.55V
.75V
.85V
IFM = 8.0A per leg
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
IR
0.5mA
100mA
TC = 25
℃
TC = 100
℃

INCHES
MM






A
.583
.606
14.80
15.40
B
---
.406
---
10.30
N
.098
.114
2.50
2.90

C
.100
.112
2.55
2.85
D
.248
.272
6.30
6.90
E
---
.161
---
4.10
F
---
.071
---
1.80
G
.512
.543
13.00
13.80
H
.100
2.55
I
---
.035
---
0.90
J
---
.032
---
0.80
K
.118
.134
3.00
3.40
L
---
.189
---
4.80
M
---
.130
---
3.30
O
---
.055
---
1.40
PIN 1
PIN 3
PIN 2
A
B
C
K
J
I
H
G
E
D
N
M
L
H
PIN
13
2
O
F
ITO-220AB
Revision: 2
2006/05/29
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Maximum Ratings
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
•
Marking : type number


Similar Part No. - MBR1630FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1630FCT MCC-MBR1630FCT Datasheet
123Kb / 3P
16 Amp Schottky Rectifier 20-100 Volts
logo
Kersemi Electronic Co.,...
MBR1630FCT KERSEMI-MBR1630FCT Datasheet
1Mb / 2P
16 Amp Schottky Rectifier 20-100 Volts
MBR1630FCT KERSEMI-MBR1630FCT Datasheet
1Mb / 2P
High Surge Capability
MBR1630FCT KERSEMI-MBR1630FCT Datasheet
1Mb / 2P
High Surge Capability
MBR1630FCT KERSEMI-MBR1630FCT Datasheet
1Mb / 2P
High Surge Capability
More results

Similar Description - MBR1630FCT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MM3S0520 MICROSEMI-MM3S0520 Datasheet
656Kb / 3P
0.5 Amp Schottky Rectifier 20 -100 Volts
logo
Solid States Devices, I...
SSR2010 SSDI-SSR2010 Datasheet
125Kb / 2P
20 AMP 100 VOLTS SCHOTTKY RECTIFIER
SED20HB100 SSDI-SED20HB100 Datasheet
48Kb / 2P
20 AMP 100 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR1620FCT MCC-MBR1620FCT_10 Datasheet
123Kb / 3P
16 Amp Schottky Rectifier 20-100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR16100FCT KERSEMI-MBR16100FCT Datasheet
1Mb / 2P
16 Amp Schottky Rectifier 20-100 Volts
logo
Micro Commercial Compon...
MBR1620FCT MCC-MBR1620FCT_13 Datasheet
257Kb / 3P
16 Amp Schottky Rectifier 20-100 Volts
MBR20100PS MCC-MBR20100PS Datasheet
331Kb / 2P
20 Amp Schottky Barrier Rectifier 100 Volts
MBRD20100 MCC-MBRD20100 Datasheet
606Kb / 3P
20 Amp Schottky Barrier Rectifier 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com