Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC8280_06 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8280_06 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8280_06 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8280_06 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8280_06 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8280_06 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8280_06 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8280_06 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8280_06 Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
62
Freescale Semiconductor
Pinout
D31
G5
D32
AA1
D33
V2
D34
U1
D35
P2
D36
M4
D37
K4
D38
H3
D39
F2
D40
Y2
D41
U3
D42
T2
D43
N2
D44
M5
D45
K1
D46
H4
D47
F1
D48
W2
D49
T4
D50
R3
D51
N4
D52
M1
D53
J2
D54
H5
D55
F3
D56
V3
D57
R5
D58
R2
D59
N5
D60
L2
D61
J3
D62
H1
D63
F4
Table 23. MPC8275 and MPC8270 (VR and ZQ Packages) Pinout List (continued)
Pin Name
Ball
MPC8275/MPC8270
MPC8275 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com