Electronic Components Datasheet Search
  English  ▼

X  

PXT4403 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PXT4403
Description  PNP switching transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXT4403 Datasheet(HTML) 3 Page - NXP Semiconductors

  PXT4403 Datasheet HTML 1Page - NXP Semiconductors PXT4403 Datasheet HTML 2Page - NXP Semiconductors PXT4403 Datasheet HTML 3Page - NXP Semiconductors PXT4403 Datasheet HTML 4Page - NXP Semiconductors PXT4403 Datasheet HTML 5Page - NXP Semiconductors PXT4403 Datasheet HTML 6Page - NXP Semiconductors PXT4403 Datasheet HTML 7Page - NXP Semiconductors PXT4403 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 14
3
Philips Semiconductors
Product specification
PNP switching transistor
PXT4403
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for collector 6 cm2.
For other mounting conditions, see
“Thermal considerations for SOT89 in the General Part of associated Handbook”.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
97
K/W
Rth j-s
thermal resistance from junction to soldering point
17
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −40 V
−−50
nA
IEBO
emitter cut-off current
IC = 0; VEB = −5V
−−50
nA
hFE
DC current gain
IC = −0.1 mA; VCE = −1V
30
−
IC = −1 mA; VCE = −1V
60
−
IC = −10 mA; VCE = −1 V
100
−
IC = −150 mA; VCE = −2 V
100
300
IC = −500 mA; VCE = −2V
20
−
VCEsat
collector-emitter saturation
voltage
IC = −150 mA; IB = −15 mA
−−400
mV
IC = −500 mA; IB = −50 mA
−−750
mV
VBEsat
base-emitter saturation voltage
IC = −150 mA; IB = −15 mA
−−950
mV
IC = −500 mA; IB = −50 mA
−−1.3
V
Cc
collector capacitance
IE =ie = 0; VCB = −10 V; f = 1 MHz
−
8.5
pF
Ce
emitter capacitance
IC =ic = 0; VEB = −500 mV; f = 1 MHz
−
35
pF
fT
transition frequency
IC = −20 mA; VCE = −10 V; f = 100 MHz
200
−
MHz
Switching times (between 10% and 90% levels); (see Fig.3)
ton
turn-on time
ICon = −150 mA; IBon = −15 mA;
IBoff =15mA
−
40
ns
td
delay time
−
15
ns
tr
rise time
−
30
ns
toff
turn-off time
−
350
ns
ts
storage time
−
300
ns
tf
fall time
−
50
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com