Electronic Components Datasheet Search
  English  ▼

X  

MPC8540VT833LB Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # MPC8540VT833LB
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540VT833LB Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MPC8540VT833LB Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8540VT833LB Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8540VT833LB Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8540VT833LB Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8540VT833LB Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8540VT833LB Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8540VT833LB Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8540VT833LB Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8540VT833LB Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
81
Thermal
Ultimately, the final selection of an appropriate heat sink depends on many factors, such as thermal
performance at a given air velocity, spatial volume, mass, attachment method, assembly, and cost. Several
heat sinks offered by Aavid Thermalloy, Alpha Novatech, IERC, Chip Coolers, Millennium Electronics,
and Wakefield Engineering offer different heat sink-to-ambient thermal resistances, that will allow the
MPC8540 to function in various environments.
16.2.1 Recommended Thermal Model
For system thermal modeling, the MPC8540 thermal model is shown in Figure 45. Five cuboids are used
to represent this device. To simplify the model, the solder balls and substrate are modeled as a single block
29x29x1.47 mm with the conductivity adjusted accordingly. For modeling, the planar dimensions of the
die are rounded to the nearest mm, so the die is modeled as 10x12 mm at a thickness of 0.76 mm. The
bump/underfill layer is modeled as a collapsed resistance between the die and substrate assuming a
conductivity of 0.6 in-plane and 1.9 W/m•K in the thickness dimension of 0.76 mm. The lid attach
adhesive is also modeled as a collapsed resistance with dimensions of 10x12x0.050 mm and the
conductivity of 1 W/m•K. The nickel plated copper lid is modeled as 12x14x1 mm. Note that the die and
lid are not centered on the substrate; there is a 1.5 mm offset documented in the case outline drawing in
Figure 43.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com