Electronic Components Datasheet Search
  English  ▼

X  

PXTA14 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PXTA14
Description  NPN Darlington transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXTA14 Datasheet(HTML) 3 Page - NXP Semiconductors

  PXTA14 Datasheet HTML 1Page - NXP Semiconductors PXTA14 Datasheet HTML 2Page - NXP Semiconductors PXTA14 Datasheet HTML 3Page - NXP Semiconductors PXTA14 Datasheet HTML 4Page - NXP Semiconductors PXTA14 Datasheet HTML 5Page - NXP Semiconductors PXTA14 Datasheet HTML 6Page - NXP Semiconductors PXTA14 Datasheet HTML 7Page - NXP Semiconductors PXTA14 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 14
3
Philips Semiconductors
Product specification
NPN Darlington transistor
PXTA14
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed-circuit board, single sided copper, tinplated, mounting pad for collector 6 cm2.
For other mounting conditions, see
“Thermal considerations for the SOT89 in the General Part of associated
Handbook”.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
96
K/W
Rth j-s
thermal resistance from junction to solder point
16
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =30V
−
100
nA
ICES
collector cut-off current
VBE = 0; VCE =30V
−
100
nA
IEBO
emitter cut-off current
IC = 0; VEB =10V
−
100
nA
hFE
DC current gain
IC = 10 mA; VCE = 5 V; (see Fig.2)
10000
−
IC = 100 mA; VCE = 5 V; (see Fig.2)
20000
−
VCEsat
collector-emitter saturation voltage
IC = 100 mA; IB = 0.1 mA
−
1.5
V
VBEsat
base-emitter saturation voltage
IC = 100 mA; IB = 0.1 mA
−
1.5
V
VBEon
base-emitter on-state voltage
IC = 100 mA; VCE =5V
−
2V
fT
transition frequency
IC = 30 mA; VCE = 5 V; f = 100 MHz
125
−
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com