Electronic Components Datasheet Search
  English  ▼

X  

MPC8270CVRE Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MPC8270CVRE
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270CVRE Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MPC8270CVRE Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8270CVRE Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8270CVRE Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8270CVRE Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8270CVRE Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8270CVRE Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8270CVRE Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8270CVRE Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8270CVRE Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
74
Freescale Semiconductor
Package Description
9.2 Mechanical Dimensions
Figure 17 provides the mechanical dimensions and bottom surface nomenclature of the 480 TBGA (ZU) package.
Refer to Table 2.
Figure 17. Mechanical Dimensions and Bottom Surface Nomenclature—480 TBGA
Dim
Millimeters
Min
Max
A1.45
1.65
A1
0.60
0.70
A2
0.85
0.95
A3
0.25
—
b0.65
0.85
D
37.50 BSC
D1
35.56 REF
e
1.27 BSC
E
37.50 BSC
E1
35.56 REF
Notes:
1. Dimensions and Tolerancing per ASME
Y14.5M-1994.
2. Dimensions in millimeters.
3. Dimension b is measured at the
maximum solder ball diameter, parallel to
primary data A.
4. Primary data A and the seating plane are
defined by the spherical crowns of the
solder balls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com