Electronic Components Datasheet Search
  English  ▼

X  

MPXV10G Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXV10G
Description  10 kPa Uncompensated Silicon Pressure Sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV10G Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXV10G Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV10G Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV10G Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV10G Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV10G Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV10G Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV10G Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV10G Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV10G Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MPX10
Rev 12, 01/2007
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2007. All rights reserved.
10 kPa Uncompensated
Silicon Pressure Sensors
The MPX10 and MPXV10GC series devices are silicon piezoresistive
pressure sensors providing a very accurate and linear voltage output — directly
proportional to the applied pressure. These standard, low cost, uncompensated
sensors permit manufacturers to design and add their own external temperature
compensation and signal conditioning networks. Compensation techniques are
simplified because of the predictability of Freescale's single element strain gauge
design. Figure 1 shows a schematic of the internal circuitry on the stand-alone
pressure sensor chip.
Features
•
Low Cost
•
Patented Silicon Shear Stress Strain Gauge Design
•
Ratiometric to Supply Voltage
•
Easy to Use Chip Carrier Package Options
•
Differential and Gauge Options
•
Durable Epoxy Unibody Element or Thermoplastic (PPS) Surface Mount Package
Functional Description
•
Air Movement Control
•
Environmental Control Systems
•
Level Indicators
•
Leak Detection
•
Medical Instrumentation
•
Industrial Controls
•
Pneumatic Control Systems
•
Robotics
ORDERING INFORMATION(1)
1. MPX10 series pressure sensors are available in differential and gauge configurations.
Devices are available in the basic element package or with pressure port fittings which
provide printed circuit board mounting ease and barbed hose pressure connections.
Device Type
Options
Case No.
Order Number
Device Marking
SMALL OUTLINE PACKAGE (MPXV10G SERIES)
Ported
Elements
Rails
482A
MPXV10GC6U
MPXV10G
Tape and Reel
482A
MPXV10GC6T1
MPXV10G
Rails
482C
MPXV10GC7U
MPXV10G
UNIBODY PACKAGE (MPX10 SERIES)
Basic
Element
Differential
344
MPX10D
MPX10D
Ported
Elements
Differential
344C
MPX10DP
MPX10DP
Gauge
344B
MPX10GP
MPX10GP
Gauge
344E
MPX10GS
MPX10D
MPX10
MPXV10GC
SERIES
UNCOMPENSATED PRESSURE
SENSOR
0 TO 10 kPA (0–1.45 psi)
35 mV FULL SCALE SPAN
(TYPICAL)
SMALL OUTLINE PACKAGE
PIN NUMBERS
1
GND
5
N/C
2
+Vout
6
N/C
3
Vs
7
N/C
4
–Vout
8
N/C
NOTE: Pin 1 is noted by the notch in the lead.
SMALL OUTLINE PACKAGES
MPXV10GC6U
CASE 482A-01
MPXV10GC7U
CASE 482C-03
UNIBODY PACKAGE PIN NUMBERS
1
GND
3
Vs
2
+Vout
4
–Vout
NOTE: Pin 1 is noted by the notch in the lead.
MPX10DP
CASE 344C-01
MPX10D
CASE 344-15
MPX10GP
CASE 344B-01
MPX10GS
CASE 344E-01
UNIBODY PACKAGES


Similar Part No. - MPXV10G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXV10GC6T1 MOTOROLA-MPXV10GC6T1 Datasheet
6Mb / 670P
Sensor
MPXV10GC6U MOTOROLA-MPXV10GC6U Datasheet
6Mb / 670P
Sensor
logo
Freescale Semiconductor...
MPXV10GC6U FREESCALE-MPXV10GC6U Datasheet
129Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPXV10GC6U NXP-MPXV10GC6U Datasheet
170Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
Rev 14, 10/2008
logo
Motorola, Inc
MPXV10GC7U MOTOROLA-MPXV10GC7U Datasheet
6Mb / 670P
Sensor
More results

Similar Description - MPXV10G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX53 MOTOROLA-MPX53 Datasheet
150Kb / 8P
50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPVZ12 FREESCALE-MPVZ12 Datasheet
236Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
MPVZ12 FREESCALE-MPVZ12_07 Datasheet
324Kb / 13P
10 kPa Uncompensated Silicon Pressure Sensors
MPX12 FREESCALE-MPX12 Datasheet
190Kb / 8P
10 kPa Uncompensated Silicon Pressure Sensors
MPX53 FREESCALE-MPX53 Datasheet
221Kb / 9P
50 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10_08 Datasheet
129Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
MPX12 FREESCALE-MPX12_08 Datasheet
237Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
MPXM12GS FREESCALE-MPXM12GS Datasheet
376Kb / 20P
10 kPa Uncompensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX10 NXP-MPX10 Datasheet
170Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
Rev 14, 10/2008
MPX12 NXP-MPX12 Datasheet
449Kb / 20P
10 kPa Uncompensated Silicon Pressure Sensors
Rev 11, 07/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com