Electronic Components Datasheet Search
  English  ▼

X  

MLV2012N050 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MLV2012N050
Description  Normal Type Multilayer Varistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MLV2012N050 Datasheet(HTML) 1 Page - Micro Commercial Components

  MLV2012N050 Datasheet HTML 1Page - Micro Commercial Components MLV2012N050 Datasheet HTML 2Page - Micro Commercial Components MLV2012N050 Datasheet HTML 3Page - Micro Commercial Components MLV2012N050 Datasheet HTML 4Page - Micro Commercial Components MLV2012N050 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MLV1005 Series
MLV1608 Series
MLV2012 Series
MLV3216 Series
MLV3225 Series
Normal Type Multilayer
Varistor
INCHES
MM
Size
DIM
MIN
MAX
MIN
MAX
L
0.036
0.044
0.90
1.00
W
0.016
0.024
0.40
0.60
D
---
0.024
---
0.60
1005
(0402)
E
0.004
0.016
0.10
0.40
L
0.057
0.069
1.50
1.80
W
0.026
0.038
0.65
0.95
D
---
0.350
---
0.90
1608
(0603)
E
0.007
0.023
0.20
0.60
L
0.071
0.087
1.80
2.20
W
0.041
0.057
1.05
1.45
D
---
0.510
---
1.30
2012
(0805)
E
0.007
0.023
0.20
0.60
L
0.116
0.136
2.95
3.45
W
0.036
0.044
1.40
1.80
D
---
0.067
---
1.70
3216
(1206)
E
0.010
0.030
0.25
0.75
L
0.116
0.136
2.95
3.45
W
0.088
0.108
2.25
2.75
D
---
0.067
---
1.70
3225
(1210)
E
0.010
0.030
0.25
0.75
Features
•
Monolithic Multilayer Construction with 1005, 1608, 2012, 3216
and 3225 Model Sizes
•
Wide Operating Voltage Range VDC=3.3V to 48V
•
Excellent Nonlinear Voltage-Current Characteristics with Low
Clamping Voltage and Large Surge Current/Energy Handing
Capabilities at Small Size
•
Available in Tape and Reel or Bulk Pack
Maximum Ratings
•
Operating Ambient Temperature Range: -55
to +125
•
Leakage Current: 1. < 50
­A at ambient temp.
2. <100
­A for 3.3VDC
(Test Conditions: The current measured with VDC applied)
•
Maximum Surge Energy (WS):
V1mA / V1mA f10%
Test Conditions: On standard circumstance Impulse the
10/1000
­s specified current wave 1 time ,
Measure the variation of V1mA
•
Maximum Surge Current (IS):
V1mA / V1mA f10%
Test Conditions: 1 At room temperature and humidity
2. 8/20
­s waveform
3. Impulse of +/- polarity
4. Measure the variation of V1mA
L
W
E
D
Revision: 2
2006/10/02
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 5


Similar Part No. - MLV2012N050

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MLV2220E3 VISHAY-MLV2220E3 Datasheet
89Kb / 4P
SMD 2220 Multilayer Varistor
30-Apr-15
MLV2220E3 VISHAY-MLV2220E3 Datasheet
72Kb / 4P
SMD 2220 Multilayer Varistor
30-Apr-15
MLV2220E3 VISHAY-MLV2220E3_V01 Datasheet
72Kb / 4P
SMD 2220 Multilayer Varistor
30-Apr-15
logo
List of Unclassifed Man...
MLV2220HA022V1200T ETC2-MLV2220HA022V1200T Datasheet
151Kb / 6P
Surface Mount Multilayer Varistors
MLV2220NA018V1000T ETC2-MLV2220NA018V1000T Datasheet
151Kb / 6P
Surface Mount Multilayer Varistors
More results

Similar Description - MLV2012N050

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MLV3225L180PT MCC-MLV3225L180PT Datasheet
308Kb / 2P
Normal Type Multilayer Varistor
logo
KOA Speer Electronics, ...
NV73DL1J KOA-NV73DL1J Datasheet
122Kb / 2P
multilayer type metal oxide varistor (automotive)
NV73DL2ATTE27 KOA-NV73DL2ATTE27 Datasheet
295Kb / 2P
multilayer type metal oxide varistor (automotive)
NV73DS2LTTE27 KOA-NV73DS2LTTE27 Datasheet
238Kb / 2P
multilayer type metal oxide varistor (load dump surge)
logo
StarHope
14D SPSEMI-14D Datasheet
332Kb / 2P
Varistor Type MYG
logo
Vishay Siliconix
MLV1206E3 VISHAY-MLV1206E3 Datasheet
86Kb / 3P
SMD 1206 Multilayer Varistor
30-Apr-15
MLV1210E3 VISHAY-MLV1210E3 Datasheet
85Kb / 3P
SMD 1210 Multilayer Varistor
30-Apr-15
MLV1812E3 VISHAY-MLV1812E3 Datasheet
85Kb / 3P
SMD 1812 Multilayer Varistor
30-Apr-15
MLV2220E3 VISHAY-MLV2220E3 Datasheet
89Kb / 4P
SMD 2220 Multilayer Varistor
30-Apr-15
logo
WALSIN TECHNOLOGY CORPO...
MLV_VZ WALSIN-MLV_VZ Datasheet
1,011Kb / 49P
MULTILAYER CHIP VARISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com