Electronic Components Datasheet Search
  English  ▼

X  

MLV2012N090 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # MLV2012N090
Description  Normal Type Multilayer Varistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MLV2012N090 Datasheet(HTML) 3 Page - Micro Commercial Components

  MLV2012N090 Datasheet HTML 1Page - Micro Commercial Components MLV2012N090 Datasheet HTML 2Page - Micro Commercial Components MLV2012N090 Datasheet HTML 3Page - Micro Commercial Components MLV2012N090 Datasheet HTML 4Page - Micro Commercial Components MLV2012N090 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Electrical Characteristics
Maximum Transient
Part Number
Working Voltage
Breakdown Voltage
Clamping
Voltage
1
Surge
Current
Surge Energy
Typical
Capacitance
Symbol
VRMS
VDC
VB
VC
IS
WS
C
Units
Volts(max.)
Volts(max.)
Volts
Volts(max.)
Amps(max.)
Joules(max)
PF(typ.)
0.5Vrms
Test Condition
1mA DC
8/20
­s (1A)
8/20
­s
10/1000
­s
1KHz
MLV2012N030
2.5
3.3
5(4.4-6.0)
10
40
0.1
2450
MLV2012N050
4
5.5
8(6.4-9.6)
16
80
0.1
1600
MLV2012N090
6
9
12(9.6-14.4)
20
80
0.1
1180
MLV2012N110
8
11
15(12.75-17.25)
25
100
0.1
1050
MLV2012N140
11
14
18(16.5-20.3)
30
100
0.1
750
MLV2012N160
12
16.5
22(19.8-24.2)
36
100
0.2
680
MLV2012N180
14
18
24(21.6-27)
39
100
0.2
550
MLV2012N220
17
22
27(24.3-29.8)
44
100
0.3
400
MLV2012N260
20
26
33(29.7-36.3)
54
100
0.3
350
MLV2012N300
25
30
39(35.1-42.9)
65
100
0.3
310
MLV2012N380
30
38
47(42.3-51.7)
77
100
0.3
280
MLV2012N450
35
45
56(50.4-61.6)
90
80
0.3
195
MLV2012N560
40
56
68(61.2-74.8)
110
80
0.3
145
MLV2012N650
50
65
82(73.8-90.2)
135
60
0.3
85
MLV3216N030
2.5
3.3
5(4.4-6.0)
10
60
0.1
3850
MLV3216N050
4
5.5
8(6.4-9.6)
16
100
0.2
3200
MLV3216N090
6
9
12(9.6-14.4)
20
100
0.2
2200
MLV3216N110
8
11
15(12.75-17.25)
25
100
0.2
1300
MLV3216N140
11
14
18(16.5-20.3)
30
100
0.3
1150
MLV3216N160
12
16.5
22(19.8-24.2)
36
100
0.3
1000
MLV3216N180
14
18
24(21.6-27)
38
100
0.3
900
MLV3216N220
17
22
27(24.3-29.8)
44
100
0.4
840
MLV3216N260
20
26
33(29.7-36.3)
54
100
0.5
490
MLV3216N300
25
30
39(35.1-42.9)
65
100
0.6
440
MLV3216N380
30
38
47(42.3-51.7)
77
100
0.7
400
MLV3216N450
35
45
56(50.4-61.6)
90
100
0.8
310
MLV3216N560
40
56
68(61.2-74.8)
110
100
1.0
280
MLV3216N650
50
65
82(73.8-90.2)
135
100
0.5
240
MLV3216N850
60
85
100(90-110)
165
100
0.6
160
MLV3216N900
70
90
110(99-121)
180
100
0.6
120
MLV1005,1608,2012,3216,3225 SERIES
MCC
Revision: 2
2006/10/02
TM
Micro Commercial Components
www.mccsemi.com
3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com