Electronic Components Datasheet Search
  English  ▼

X  

MLV2012N180 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MLV2012N180
Description  Normal Type Multilayer Varistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MLV2012N180 Datasheet(HTML) 2 Page - Micro Commercial Components

  MLV2012N180 Datasheet HTML 1Page - Micro Commercial Components MLV2012N180 Datasheet HTML 2Page - Micro Commercial Components MLV2012N180 Datasheet HTML 3Page - Micro Commercial Components MLV2012N180 Datasheet HTML 4Page - Micro Commercial Components MLV2012N180 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
Maximum Transient
Part Number
Working Voltage
Breakdown Voltage
Clamping
Voltage
1
Surge
Current
Surge Energy
Typical
Capacitance
Symbol
VRMS
VDC
VB
VC
IS
WS
C
Units
Volts(max.)
Volts(max.)
Volts
Volts(max.)
Amps(max.)
Joules(max)
PF(typ.)
0.5Vrms
Test Condition
1mA DC
8/20
­s (1A)
8/20
­s
10/1000
­s
1KHz
MLV1005N030
2.5
3.3
5(4.4-6.0)
10
20
0.05
390
MLV1005N050
4
5.5
8(6.4-9.6)
16
20
0.05
295
MLV1005N090
6
9
12(9.6-14.4)
20
20
0.05
190
MLV1005N110
8
11
15(12.75-17.25)
25
20
0.05
160
MLV1005N140
11
14
18(16.5-20.3)
30
20
0.05
135
MLV1005N160
12
16.5
22(19.8-24.2)
36
20
0.05
105
MLV1005N180
14
18
24(21.6-27)
40
20
0.05
93
MLV1005N220
17
22
27(24.3-29.8)
45
20
0.05
75
MLV1005N260
20
26
33(29.7-36.3)
54
20
0.05
54
MLV1005N300
25
30
39(35.1-42.9)
65
20
0.05
45
MLV1005N380
30
38
47(42.3-51.7)
77
20
0.05
27
MLV1608N030
2.5
3.3
5(4.4-6.0)
10
30
0.1
1250
MLV1608N050
4
5.5
8(6.4-9.6)
16
30
0.1
800
MLV1608N090
6
9
12(9.6-14.4)
20
30
0.1
680
MLV1608N110
8
11
15(12.75-17.25)
25
30
0.1
460
MLV1608N140
11
14
18(16.5-20.3)
30
30
0.1
350
MLV1608N160
12
16.5
22(19.8-24.2)
36
30
0.1
300
MLV1608N180
14
18
24(21.6-27)
39
30
0.1
270
MLV1608N220
17
22
27(24.3-29.8)
44
30
0.1
235
MLV1608N260
20
26
33(29.7-36.3)
54
30
0.1
200
MLV1608N300
25
30
39(35.1-42.9)
65
30
0.1
120
MLV1608N380
30
38
47(42.3-51.7)
77
30
0.1
100
MLV1608N450
35
45
56(50.4-61.6)
90
30
0.1
80
MLV1005,1608,2012,3216,3225 SERIES
MCC
Revision: 2
2006/10/02
TM
Micro Commercial Components
www.mccsemi.com
2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com