Electronic Components Datasheet Search
  English  ▼

X  

T1N015TL Datasheet(PDF) 9 Page - ABB

Part # T1N015TL
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T1N015TL Datasheet(HTML) 9 Page - ABB

Back Button T1N015TL Datasheet HTML 5Page - ABB T1N015TL Datasheet HTML 6Page - ABB T1N015TL Datasheet HTML 7Page - ABB T1N015TL Datasheet HTML 8Page - ABB T1N015TL Datasheet HTML 9Page - ABB T1N015TL Datasheet HTML 10Page - ABB T1N015TL Datasheet HTML 11Page - ABB T1N015TL Datasheet HTML 12Page - ABB T1N015TL Datasheet HTML 13Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 81 page
background image
6
Discount Schedule DS-ST
ABB
AC1615S - 03/10
T1
T1
600Y/347VAC, 480VAC ∆
Thermal-Magnetic/Molded Case Switch
T1-100A Frame, Thermal-Magnetic Trip Unit Fixed
T1-100A Frame, Thermal-Magnetic Trip Unit Fixed, 1 pole
T1-100A Frame, Molded Case Switch
1 Rated 480Y/277VAC for 15A.
2 When protected by a OCPD with appropriate ratings.
Breaker
IC at
Rating
Magnetic
3-Pole, 600Y/347VAC/500VDC
List
4-Pole, 600Y/347VAC/500VDC
List
480VAC
Trip
Part Number
Price
Part Number
Price
14kA
15A
1000A
T1N015TL
T1N015TL-4
20A
1000A
T1N020TL
T1N020TL-4
25A
1000A
T1N025TL
T1N025TL-4
30A
1000A
T1N030TL
T1N030TL-4
40A
1000A
T1N040TL
T1N040TL-4
T1N
22kA
50A
1500A
T1N050TL
T1N050TL-4
60A
1500A
T1N060TL
T1N060TL-4
70A
1500A
T1N070TL
T1N070TL-4
80A
1500A
T1N080TL
T1N080TL-4
90A
1500A
T1N090TL
T1N090TL-4
100A
1500A
T1N100TL
T1N100TL-4
Breaker
IC at
Rating
Magnetic
1-Pole, 347VAC
List
347VAC
Trip
Part Number
Price
10kA
15A
1000A
T1B015TL-1
20A
1000A
T1B020TL-1
25A
1000A
T1B025TL-1
30A
1000A
T1B030TL-1
40A
1000A
T1B040TL-1
T1B
14kA
50A
1500A
T1B050TL-1
60A
1500A
T1B060TL-1
70A
1500A
T1B070TL-1
80A
1500A
T1B080TL-1
90A
1500A
T1B090TL-1
100A
1500A
T1B100TL-1
Breaker
Interrupting
Rating
Magnetic
3-Pole, 600Y/347V/500VDC
List
4-Pole, 600Y/347V/500VDC
List
Capacity (2)
Trip
Part Number
Price
Part Number
Price
T1-D
240V, 50kA
100A
1000A
T1N100DL
TIN100DL-4
T-100A Frame,100% Rated Thermal-Magnetic Trip Unit Fixed
Breaker
IC at
Rating
Magnetic
3-Pole, 600Y/347VAC/500VDC
List
480VAC
Trip
Part Number
Price
14kA
15 (1)
1000A
T1NQ015TL
20
1000A
T1NQ020TL
25
1000A
T1NQ025TL
30
1000A
T1NQ030TL
40
1000A
T1NQ040TL
T1NQ
22kA
50
1500A
T1NQ050TL
60
1500A
T1NQ060TL
70
1500A
T1NQ070TL
80
1500A
T1NQ080TL
90
1500A
T1NQ090TL
100
1500A
T1NQ100TL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com