Electronic Components Datasheet Search
  English  ▼

X  

RS3000 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # RS3000
Description  200 Milliamp High Voltage Silicon Rectifier 3000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RS3000 Datasheet(HTML) 1 Page - Micro Commercial Components

  RS3000 Datasheet HTML 1Page - Micro Commercial Components RS3000 Datasheet HTML 2Page - Micro Commercial Components RS3000 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RS3000
200 Milliamp
High Voltage
Silicon Rectifier
3000 Volts
Features
•
Low Cost
•
Low Leakage
•
Low Forward Voltage Drop
•
High Current Capability
•
High Voltage
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
RS3000
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
200mA
TA = 50
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
50
µA
TA = 25
°C
TA = 100
°C
Typical Junction
Capacitance
CJ
30pF
Measured at
1.0MHz, VR=4.0V
DO-41
A
B
C
D
D
Cathode
Mark
www.mccsemi.com
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: 1
2007/03/12
Maximum
Instantaneous
Forward Voltage
VF
4.0V
IFM = 0.5A;
TA = 50
°C
TM
Micro Commercial Components
•
Case Material:Molded Plastic.UL Flammability
Classification Rating 94V-0
1 of 3
RS3000
3000V
2100V
3000V


Similar Part No. - RS3000

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RS3000 MCC-RS3000 Datasheet
219Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 3000 Volts
RS3000 MCC-RS3000_11 Datasheet
219Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 3000 Volts
More results

Similar Description - RS3000

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RS3000 MCC-RS3000_11 Datasheet
219Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 3000 Volts
R1200 MCC-R1200_11 Datasheet
366Kb / 3P
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
R2500 MCC-R2500 Datasheet
214Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 2500 to 3000 Volts
R2500F MCC-R2500F Datasheet
229Kb / 3P
200 Milliamp High Voltage Fast Recovery Silicon Rectifier 2500 to 3000 Volts
R4000F MCC-R4000F Datasheet
182Kb / 2P
200 Milliamp High Voltage Silicon Rectifier 4000 to 5000 Volts
R3000-TP MCC-R3000-TP Datasheet
240Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 2500 to 3000 Volts
RM1200E MCC-RM1200E_15 Datasheet
265Kb / 3P
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
R2500F MCC-R2500F_13 Datasheet
174Kb / 3P
200 Milliamp High Voltage Fast Recovery Silicon Rectifier 2500 to 3000 Volts
R3000GP MCC-R3000GP Datasheet
378Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 3000 to 6000 Volts
R4000GPS MCC-R4000GPS Datasheet
546Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 4000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com