Electronic Components Datasheet Search
  English  ▼

X  

PPC220 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PPC220
Description  Invertor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PPC220 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PPC220 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KPT-2485
Invertor
Page <1>
13/10/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2011.
Description
Part Number
Tape, Kapton, Brown, 6 mm × 33 M
PPC216
Tape, Kapton, Brown, 9 mm × 33 M
PPC217
Tape, Kapton, Brown, 12 mm × 33 M
PPC218
Tape, Kapton, Brown, 19 mm × 33 M
PPC219
Tape, Kapton, Brown, 25 mm × 33 M
PPC220
Part Number Table
Description:
Construction : Substrate material, primer, adhesive
Premier coating, adhesive : American dow corning silicone adhesive
Substrate material : Polyimide
Feature : Pressure-sensitive adhesive, no remaining adhesive, antistatic, heat-resist,
anti corrosion
Specification Table
No.
Item
Unit
Specification
1
Film Thickness
mm
0.025 ±0.002
2
Total Thickness
mm
3
Adhesion
N / 25 mm
6.3 - 8.1
4
Continuous Strength
H
≥ 24
5
Tensile Strength
N / 25 mm
≥ 85
6
Voltage - Resist
KV
≥ 5
7
Heat - Resist
°C / 15 min
260
8
Length
M
33
9
Width
mm
3 - 500
10
Colour
-
Brown
11
Storage, Handling
Storage must be in a dry, non-corrosive and shine environment
12
Shelf Life
Shelf life is 2 years from data of manufacture
- 0.002
+ 0.004
0.065


Similar Part No. - PPC220

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PPC221 ETC1-PPC221 Datasheet
533Kb / 1P
Construction : Substrate material, primer, adhesive
PPC222 ETC1-PPC222 Datasheet
533Kb / 1P
Construction : Substrate material, primer, adhesive
PPC223 ETC1-PPC223 Datasheet
533Kb / 1P
Construction : Substrate material, primer, adhesive
PPC224 ETC1-PPC224 Datasheet
533Kb / 1P
Construction : Substrate material, primer, adhesive
PPC225 ETC1-PPC225 Datasheet
533Kb / 1P
Construction : Substrate material, primer, adhesive
More results

Similar Description - PPC220

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP112 TOSHIBA-TLP112 Datasheet
159Kb / 7P
Digital Logic Isolation Line Receiver Switching Power Supply Feedback Control Transistor Invertor
TLP112A TOSHIBA-TLP112A Datasheet
159Kb / 7P
Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Invertor
TLP114A TOSHIBA-TLP114A Datasheet
159Kb / 7P
Digital Logic Isolation. Line Receiver. Power Supply Control Feedback Control. Switching Power Supply. Transistor Invertor.
TLP557 TOSHIBA-TLP557 Datasheet
304Kb / 6P
TRANSISTOR INVERTOR INVERTER FOR AIR CONDITIONOR POWER TRANSISTOR BASE DRIVE
TLP559 TOSHIBA-TLP559 Datasheet
254Kb / 5P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Invertor
TLP759 TOSHIBA-TLP759 Datasheet
159Kb / 6P
Transistor Invertor Inverter For Air Conditioner Line Receiver IPM Interfaces
TLP114AIGM TOSHIBA-TLP114AIGM Datasheet
162Kb / 6P
Transistor Invertor For Air Conditioner Line Receiver Ipm Interfaces
TLP759F TOSHIBA-TLP759F Datasheet
113Kb / 2P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Invertor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com