Electronic Components Datasheet Search
  English  ▼

X  

PC252X-CL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PC252X-CL
Description  Push-In Wire Connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PC252X-CL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PC252X-CL Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
17/07/12
Push-In Wire Connector
Specifications
Housing Material
: Polycarbonate (PC)
Current
: 30A, 24A
Voltage
: 600V, 450V
Working Temp
: 110°C
Wire Range
: 1 ~ 2.5mm2, #12-#22 AWG, Sol Cu
Stripping Length
: 11mm (0.43 Inch)
Connector Type
: Terminal
Insulator Colour
: Transparent
Termination Method
: Crimp
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Part Number
Connector, Push-In Wire, 2Way, Red
PC252X-CL
Part Number Table
Dimensions : Millimetres
Unless Otherwise Stated: 0. = ±0.1mm
00. = ±0.2mm
000. = ±0.3mm


Similar Part No. - PC252X-CL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC252X-R ETC-PC252X-R Datasheet
186Kb / 1P
Push-In Wire Connector
17/07/12 V1.0
More results

Similar Description - PC252X-CL

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FRS012-2200-0 YAMAICHI-FRS012-2200-0 Datasheet
149Kb / 2P
4-in-1 Card Connector (Push / Push)
logo
Molex Electronics Ltd.
0194300004 MOLEX4-0194300004 Datasheet
101Kb / 2P
See and Splice??5 Circuit Push-in Wire Connector for 12-22 AWG Wire
logo
List of Unclassifed Man...
561-WC7510 ETC2-561-WC7510 Datasheet
178Kb / 1P
Wire Clip with Push-In Mount
logo
AVX Corporation
9162-500 AVX-9162-500 Datasheet
425Kb / 3P
Six position slide-in SIM connector & Push-Push microSD connector
logo
PHOENIX CONTACT
1110614 PHOENIX-1110614 Datasheet
861Kb / 18P
PCB connector, Lever Push-in connection
1110643 PHOENIX-1110643 Datasheet
920Kb / 18P
PCB connector, Lever Push-in connection
1110597 PHOENIX-1110597 Datasheet
906Kb / 18P
PCB connector, Lever Push-in connection
1110599 PHOENIX-1110599 Datasheet
923Kb / 18P
PCB connector, Lever Push-in connection
1110625 PHOENIX-1110625 Datasheet
1,023Kb / 18P
PCB connector, Lever Push-in connection
logo
FIBOX Enclosing innovat...
3534903 FIBOX-3534903 Datasheet
36Kb / 1P
Push-in connector set
16.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com