Electronic Components Datasheet Search
  English  ▼

X  

MLV2012N650 Datasheet(PDF) 4 Page - Micro Commercial Components

Part # MLV2012N650
Description  Normal Type Multilayer Varistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MLV2012N650 Datasheet(HTML) 4 Page - Micro Commercial Components

  MLV2012N650 Datasheet HTML 1Page - Micro Commercial Components MLV2012N650 Datasheet HTML 2Page - Micro Commercial Components MLV2012N650 Datasheet HTML 3Page - Micro Commercial Components MLV2012N650 Datasheet HTML 4Page - Micro Commercial Components MLV2012N650 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Electrical Characteristics
Maximum Transient
Part Number
Working Voltage
Breakdown Voltage
Clamping
Voltage
1
Surge
Current
Surge Energy
Typical
Capacitance
Symbol
VRMS
VDC
VB
VC
IS
WS
C
Units
Volts(max.)
Volts(max.)
Volts
Volts(max.)
Amps(max.)
Joules(max)
PF(typ.)
0.5Vrms
Test Condition
1mA DC
8/20
­s (1A)
8/20
­s
10/1000
­s
1KHz
MLV3225N050
4
5.5
8(6.4-9.6)
16
250
0.4
6200
MLV3225N090
6
9
12(9.6-14.4)
20
250
0.5
4400
MLV3225N110
8
11
15(12.75-17.25)
25
250
0.6
3520
MLV3225N140
11
14
18(16.5-20.3)
30
250
0.7
3260
MLV3225N160
12
16.5
22(19.8-24.2)
36
250
0.8
2100
MLV3225N180
14
18
24(21.6-27)
38
250
0.8
1950
MLV3225N220
17
22
27(24.3-29.8)
44
250
1.0
1720
MLV3225N260
20
26
33(29.7-36.3)
54
250
1.2
1090
MLV3225N300
25
30
39(35.1-42.9)
65
250
1.4
920
MLV3225N380
30
38
47(42.3-51.7)
77
250
1.6
780
MLV3225N450
35
45
56(50.4-61.6)
90
250
2.0
470
MLV3225N560
40
56
68(61.2-74.8)
110
250
2.3
390
MLV3225N650
50
65
82(73.8-90.2)
135
250
1.2
320
MLV3225N850
60
85
100(90-110)
165
200
1.4
220
MLV3225N900
70
90
110(99-121)
180
200
1.4
200
1 MLV3225 maximum clamping voltage testing current 2.5A
MLV1005,1608,2012,3216,3225 SERIES
MCC
Revision: 2
2006/10/02
TM
Micro Commercial Components
www.mccsemi.com
4 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com