Electronic Components Datasheet Search
  English  ▼

X  

CT1000 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # CT1000
Description  PM1000 Wattmeter - Power Analyzer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CT1000 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button CT1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers CT1000 Datasheet HTML 5Page - List of Unclassifed Manufacturers CT1000 Datasheet HTML 6Page - List of Unclassifed Manufacturers CT1000 Datasheet HTML 7Page - List of Unclassifed Manufacturers CT1000 Datasheet HTML 8Page - List of Unclassifed Manufacturers CT1000 Datasheet HTML 9Page - List of Unclassifed Manufacturers CT1000 Datasheet HTML 10Page - List of Unclassifed Manufacturers CT1000 Datasheet HTML 11Page - List of Unclassifed Manufacturers CT1000 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Voltech Instruments Inc.
Fort Myers, FL. USA
Tel: (239) 437 0494
Fax: (239) 437 3841
sales@voltech.com
Voltech has an intensive program of design and development and
reserves the right to alter product specification without notice. Although
every care has been taken in compiling this information Voltech does not
accept any liability for errors or omissions. ©2010 Voltech.
Voltech Instruments Ltd.
Oxfordshire. UK
Tel: +44 (0) 1235 834555
Fax: +44 (0) 1235 835016
salesuk@voltech.com
Voltech
86-618/5
Voltech Instruments (Nantong) Ltd.
Nantong City, Jiangsu. China.
Tel: +86 513 853 00652
Fax: +86 513 853 00658
sales@voltech.com.cn
Ordering Information
Item
Part #
Description
PM1000+
100-090
Power Analyzer with integrator, harmonics and THD
measurements. 0.05% basic accuracy, 1MHz bandwidth.
Includes color display, measuring leads and RS232,
USB peripheral and parallel printer interfaces.
IEEE488.2 (GPIB)
130-030
IEEE488.2 interface.
USB (Master) and Ethernet
130-031
USB master (for memory) and ethernet interfaces.
Extended Warranty (per year) 130-025
Warranty extension per year.
Universal Break-Out Box
100-089
Safety load connection box and external (low power) shunt.
IEC Harmonics and Flicker
250-027
Pre-compliance IEC61000-2-2/3 harmonics and flicker testing.
CL100
CL100
100:1 Clamp-on current transformer.
CL1000
CL1000
1000:1 Clamp-on current transformer.
CT1000
CT1000
Dual ratio 1000:1 and 100:1 current transformer.
PS1000
PS1000
Switch for measuring inrush current.
Ballast CT
BALLASTCT Isolating current trnsformer for ballast measurements.
Free Application Notes and Handbooks
• Power Supply Testing
• ENERGY STAR Measurements
• AC Theory - Back to Basics
• Three -Phase Measurements
• Measurements in Lighting Applications
• Low-Power Standby Measurements (IEC62301)
• IEC61000--3-2/2 Harmonics and Flicker
Contact Us foryourapplicationnotesortorequestanoobligationdemonstration.
www.voltech.com
Distributed by:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com