Electronic Components Datasheet Search
  English  ▼

X  

34844 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 34844 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
34844
ELECTRICAL CHARACTERISTICS
STATIC AND DYNAMIC ELECTRICAL CHARACTERISTICS
OVER-TEMPERATURE PROTECTION
OTT
Over-temperature Threshold
Rising
Hysteresis
150
-
165
25
175
-
°C
(9)
I2C/SM BUS PHYSICAL LAYER [SCK, SDA]
ADRI2C
I2C Address
-
1110110
-
Binary
ADRSMB
SM-Bus Address
-
1110110
-
Binary
VILI
Input Low Voltage
-0.3
-
0.8
V
VIHI
Input High Voltage
2.1
-
5.5
V
VHYSI
Input Hysteresis
-
0.3
-
V
VOLI
Output Low Voltage
Sink Current < 4.0 mA
-
-
0.4
V
IINI
Input Current
-5.0
-
5.0
A
CINI
Input Capacitance
-
-
10
F
(9)
LOGIC INPUTS / OUTPUTS (CK, M/~S, PWM, A0/SEN, EN)
VILL
Input Low Voltage
-0.3
-
0.5
V
VIHL
Input High Voltage
1.5
-
5.5
V
VHYSL
Input Hysteresis
-
0.1
-
V
VILL
Input Low Voltage (EN)
-0.3
-
0.5
V
VIHL
Input High Voltage (EN)
2.1
-
28
V
VOLL
Output Low Voltage (CK)
ISINK < 2.0 mA
-
-
0.45
V
VOHL
Output High Voltage (CK)
ISOURCE < 2.0 mA
2.2
-
5.5
V
IIIL
Input Current
-5.0
-
5.0
A
CINI
Input Capacitance
-
-
5.0
F
(9)
OVER-VOLTAGE PROTECTION
Over-voltage Clamp - OVP Register Table:
OVPFH
OVP = Fh (Default)
60.5
62.5
64.5
V
OVPEH
OVP = Eh
56.5
58
60
V
OVPDH
OVP = Dh
53
54
56
V
OVPCH
OVP = Ch
49
51
52.5
V
OVPBH
OVP = Bh
45
47
48.5
V
OVPAH
OVP = Ah
41
43
44.5
V
OVP9H
OVP = 9h
38
39
40.5
V
OVP8H
OVP = 8h
34
36
37.5
V
OVP7H
OVP = 7h
30.5
32
33.5
V
Notes
9.
Guaranteed by design
Table 4. Static and Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions VIN = 12 V, VOUT = 42 V, PWM = VDC1, M/~S = VDC1, PIN & NIN = VDC1, -40C  TA  105C,
PGND = 0 V, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com