Electronic Components Datasheet Search
  English  ▼

X  

KITLEDBKLT16EVBE. Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # KITLEDBKLT16EVBE.
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KITLEDBKLT16EVBE. Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button KITLEDBKLT16EVBE. Datasheet HTML 13Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 14Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 15Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 16Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 17Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 18Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 19Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 20Page - Freescale Semiconductor, Inc KITLEDBKLT16EVBE. Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
34844
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
OVERCURRENT PROTECTION (OCP)
The boost converter also features internal overcurrent protection (OCP) and has a user programmable overvoltage protection (OVP).
The OCP operates on a cycle by cycle basis. However, if the OCP condition remains for more than 10 ms then the device turns off the
LED Drivers, the Boost goes to Sleep mode and the output FAULT pin goes into high-impedance. The device can only be restarted by
recycling the enable or creating a Power On Reset (POR).
CURRENT MIRROR
The programmable current mirror matches the current in 10 LED strings to within 2%. The maximum current is set using a resistor to
GND from the ISET pin. This can be scaled down using the I2C interface to 255 levels.
Zero current is achieved by turning off the LED Driver by I2C (registers CHENx = 0h) for a duty cycle from 0% to 99%, or by pulling
PWM pin low regardless of the duty cycle.
I2C capability allows the channels to be controlled individually or in parallel.
Current on LED Channel (PIN and NIN mode disabled)
Eqn. 1
Default ICH[RegisterValue]=255
In the off state, the LEDs current is set to 0 and the boost converter stops switching.
This feature allows driving more than 80 mA of current by connecting the LED string to two or more LED channels in parallel. For
example; if the application requires to drive a channels at 160 mA, then the bottom of each LED string should be connected to two
channels to duplicate the current capability (Example: CH0+CH1 = 160 mA).
PWM GENERATOR
The PWM generator can operate in either master or slave modes, as set by the M/~S pin.
In master mode, the internal PWM generator frequency is programmed through the I2C interface (registers FPWM). The default
programmed value set the number of 27 kHz clocks (40
s) in one PWM cycle. The 18-bit resolution allows minimum PWM frequencies
of 110 Hz to be programmed. The resulting frequency is output on the CK pin.
PWM Frequency
Eqn. 2
In slave mode, the CK pin acts as an input. The internal digital PLL uses this frequency as the PWM frequency. By setting one device
as master, and connecting the CK output to the input on a number of slave configured devices, all PWM frequencies are synchronized.
The duty cycle of the PWM waveform in both master and slave modes is set using a second register on the I2C interface (register
DPWM), and can be controlled from 100% duty cycle to 1/256 tPWM = 0.39%. Zero percent of duty cycle is achieved by turning LED drivers
off (register CHENx = 0h) or pulling PWM pin low.
An external PWM can also be used. The PWM input is 'AND'ed with the internal signal. By setting the serial interface to 100% duty
cycle (default), the external pin has full control of the PWM duty cycle. This pin can also be used to modulate the LED at a lower frequency
than the PWM dimming frequency (DHC Minimum pulse width = 400 ns).
V
OUT
Method 1
Method 2
A0/SEN
A0/SEN
OVP = VZENER2 + 6.5 V
OVP = 6.5 V [(RUPPER / RLOWER) + 1] + (100E-6 x RUPPER)
RUPPER
RLOWER
VZENER2
V
OUT
ISINK A

VSET V
 136
RISET

------------------------------------------ ICH RegisterValue

255
-----------------------------------------------------------
=
FPWM Hz

20.736Mhz
FPWM RegisterValue

--------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com