Electronic Components Datasheet Search
  English  ▼

X  

SF58G Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SF58G
Description  5 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SF58G Datasheet(HTML) 1 Page - Micro Commercial Components

  SF58G Datasheet HTML 1Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SF51G
THRU
SF58G
5 Amp High
Efficiency Glass
Passivated Rectifier
50 to 600 Volts
Features
•
Low power loss, high efficiency
•
Low Leakage
•
Low Forward Voltage Drop
•
High Current Capability
•
Super fast switching speed
Maximum Ratings
•
Operating Temperature: -65
°C to +150°C
•
Storage Temperature: -65
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SF51G
50V
35V
50V
SF52G
100V
70V
100V
SF54G
200V
140V
200V
SF55G
300V
210V
300V
SF56G
400V
280V
400V
SF58G
600V
420V
600V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
5 A
TA = 55
°C
Peak Forward
Surge
Current
IFSM
8.3ms, half sine
Maximum Instantaneous
Forward Voltage
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
TA = 25
°C
Maximum Reverse
Recovery
Trr
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
DO-201AD
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
          

SF51G-55G
SF56G
SF58G
1.27V
1.75V
0.95V
SF51G
SF52G
SF54G
SF55G
SF56G
SF58G
Tim e
SF51G~55G
SF56G~58G
150A
50pF
30pF
35.0nS
50
µA T
A = 150
°C
Maximum Instantaneous
Forward Voltage
V F
IFM = 5.0A;
TA = 25
°C
www.mccsemi.com
Revision: 1
2004/08/10
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
TM
Micro Commercial Components
A
.287
.374
7.30
9.50
B
.189
.208
4.80
5.30


Similar Part No. - SF58G

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SF58G MIC-SF58G Datasheet
54Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Chongqing Pingwei Enter...
SF58G CHONGQING-SF58G Datasheet
39Kb / 1P
SUPER FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
SF58G MCC-SF58G Datasheet
377Kb / 2P
5 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts
logo
Yea Shin Technology Co....
SF58G YEASHIN-SF58G Datasheet
57Kb / 2P
SUPE RFAST RECOVERY RECTIFIERS VOLTAGE- 50 to 8 00 Volts CURRENT - 5.0 Amperes
logo
Leshan Radio Company
SF58G LRC-SF58G Datasheet
193Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
More results

Similar Description - SF58G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL4933 MCC-DL4933 Datasheet
90Kb / 3P
1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
MUR1505 MCC-MUR1505 Datasheet
233Kb / 2P
15 AMP SUPER FAST GLASS PASSIVATED RECTIFIER 50 TO 600 VOLTS
MUR1605 MCC-MUR1605 Datasheet
94Kb / 3P
16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
DL4933 MCC-DL4933_11 Datasheet
300Kb / 4P
1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
SF31G MCC-SF31G Datasheet
489Kb / 3P
3 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts
SF41G MCC-SF41G Datasheet
379Kb / 2P
4 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts
SF51G MCC-SF51G_11 Datasheet
377Kb / 2P
5 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR1610 KERSEMI-MUR1610 Datasheet
816Kb / 2P
16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Micro Commercial Compon...
GBJ5006L MCC-GBJ5006L Datasheet
471Kb / 3P
50 Amp Glass Passivated Bridge Rectifier 600 Volts
MUR1605F MCC-MUR1605F Datasheet
538Kb / 3P
16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com