Electronic Components Datasheet Search
  English  ▼

X  

CZRA4760 Datasheet(PDF) 3 Page - Comchip Technology

Part # CZRA4760
Description  SURFACE MOUNT ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRA4760 Datasheet(HTML) 3 Page - Comchip Technology

  CZRA4760 Datasheet HTML 1Page - Comchip Technology CZRA4760 Datasheet HTML 2Page - Comchip Technology CZRA4760 Datasheet HTML 3Page - Comchip Technology CZRA4760 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SURFACE MOUNT ZENER DIODE
SURFACE MOUNT ZENER DIODE
MDS0208021B
Page3
RATING AND CHARACTERISTICS CURVES
CZRA4740 THRU CZRA4764
1.25
1.0
0.75
0.50
0.25
0
0 20 40 60 80 100 120 140 160 180 200
L = LEAD LENTGH TO
HEAT SINK
TL, LEAD TEMPERATURE
Fig. 1-POWER TEMPERATURE DERATING CURVE
RANGE
+12
+10
+8.0
+6.0
+4.0
+2.0
0
-2.0
-4.0
234
5
6789
10 11 12
VZ @ IZT
VZ, ZENER VOLTAGE (VOLTS)
100
70
50
30
20
10
7.0
5.0
3.0
2.0
1.0
10
20
30
50
70
100
RANGE
V
Z @ IZT
VZ, ZENER VOLTAGE (VOLTS)
Fig. 2-TEMPERATURE COEFFICIENTS
(-55°C TO +150°C TEMPERATURE RANGE; 90% OF THE UNITS ARE IN THE RANGES INDICATED.)
175
150
125
100
75
50
25
0
0 .1
.2 .3 .4 .5 .6 .7 .8 .9 1.0
L, LEAD LENGTH TO HEAT SINK (INCKES)
20mA
+6.0
+4.0
+2.0
0
-2.0
-4.0
34
567
8
VZ @ IZT
TA = 25°C
1.0mA
0.01mA
NOTE:BELOW 3 VOLTS AND ABOVE 8
CHANGES IN ZENER CURRENT DO
AFFECT TEMPERATURE
VZ, ZENER VOLTAGE (VOLTS)
Fig.3-TYPICAL THERMAL RESISTANCE VERSUS LEAD
LENGTH
Fig. 4-EFFECT OF ZENER CURRENT
SMD DIODE SPECIALIST
COMCHIP
Comchip Technology Corporation • Tel: 510-657-8671 • Fax: 510-657-8921 • www.comchiptech.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com