Electronic Components Datasheet Search
  English  ▼

X  

CZRA4762 Datasheet(PDF) 1 Page - Comchip Technology

Part # CZRA4762
Description  SURFACE MOUNT ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRA4762 Datasheet(HTML) 1 Page - Comchip Technology

  CZRA4762 Datasheet HTML 1Page - Comchip Technology CZRA4762 Datasheet HTML 2Page - Comchip Technology CZRA4762 Datasheet HTML 3Page - Comchip Technology CZRA4762 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Voltage: 10-100 Volts
Power: 1.0 Watts
CZRA4740 thru CZRA4764
- For surface mounted applications in order to
optimize board space
- Low profile package
- Built-in strain relief
- Glass passivated junction
- Low inductance
-Typical IR less than 5.0u
U
A above 11V
- High temper ature soldering :
260°C / 10 seconds at terminals
- Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
MDS0208021B
Page 1
FEATURES
Case: JEDEC DO-214AC, Molded plastic
over passivated junction
Terminals: Solder plated, solderable per
MIL-STD-750, method 2026
Polarity: Color band denotes positive end(cathode)
Standard Packaging: 12mm tape(EIA-481)
Weight: 0.002 ounce, 0.064 gram
MECHANICAL DATA
0.008(0.20)
0.004(0.10)
0.067(1.70)
0.051(1.29)
0.091(2.31)
0.067(1.70)
0.059(1.50)
0.035(0.89)
0.110(2.79)
0.086(2.18)
0.180(4.57)
0.160(4.06)
0.012(0.31)
0.006(0.15)
0.209(5.31)
0.185(4.70)
DO-214AC (SMA)
Dimensionsininchesand(millimeters)
SURFACE MOUNT ZENER DIODE
SURFACE MOUNT ZENER DIODE
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNITS
Peak Pulse Power Dissipation on TA= 50°C (Note A)
Derate above 50°C
PD
1.0
6.67
Watts
mW/°C
Peak forward Surge Current 8.3ms single half sine-wave
superimposed on rated load(JEDEC Method) (Note B)
IFSM
10
Amps
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 to +150
°C
NOTES:
A. Mounted on 5.0mm
2(.013mm thick) land areas.
B. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
Maximum Ratings and Electrical Characterics
SURFACE MOUNT ZENER DIODE
SMD DIODE SPECIALIST
COMCHIP
Comchip Technology Corporation • Tel: 510-657-8671 • Fax: 510-657-8921 • www.comchiptech.com


Similar Part No. - CZRA4762

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRA4762 COMCHIP-CZRA4762 Datasheet
112Kb / 4P
SURFACE MOUNT ZENER DIODE
CZRA4762-G COMCHIP-CZRA4762-G Datasheet
277Kb / 6P
SMD Zener Diode
CZRA4762B-HF COMCHIP-CZRA4762B-HF Datasheet
109Kb / 5P
SMD Zener Diode
CZRA4762B-HF COMCHIP-CZRA4762B-HF Datasheet
109Kb / 5P
SMD Zener Diode
CZRA4762B-HF COMCHIP-CZRA4762B-HF Datasheet
109Kb / 5P
SMD Zener Diode
More results

Similar Description - CZRA4762

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
Surface Mount Zener Diode
logo
Galaxy Semi-Conductor H...
BZT52C2V0S BILIN-BZT52C2V0S Datasheet
228Kb / 4P
Surface mount zener diode
BZT52C2V4 BILIN-BZT52C2V4 Datasheet
232Kb / 4P
Surface mount zener diode
logo
Microdiode Semiconducto...
BZT52C2V7 CHENDA-BZT52C2V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C4V7 CHENDA-BZT52C4V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C8V2 CHENDA-BZT52C8V2 Datasheet
283Kb / 4P
Surface mount zener diode
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
188Kb / 3P
Surface mount zener diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com