Electronic Components Datasheet Search
  English  ▼

X  

MPXV2010G Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPXV2010G
Description  10 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV2010G Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPXV2010G Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV2010G Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV2010G Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV2010G Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV2010G Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV2010G Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXV2010G Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXV2010G Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXV2010G Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MPX2010
Sensors
8
Freescale Semiconductor
PACKAGE DIMENSIONS
NOTES:
1.
2.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
CONTROLLING DIMENSION: INCH.
E
C
J
V
-T-
PORT #1
POSITIVE
PRESSURE
(P1)
PIN 1
4 PL
D
-P-
G
K
M
Q
M
0.25 (0.010)
T
U
A
F
S
N
B
S
P
M
0.13 (0.005)
Q S
T
-Q-
R
43
2
1
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.080
1.120
27.43
28.45
B
0.740
0.760
18.80
19.30
C
0.630
0.650
16.00
16.51
D
0.016
0.020
0.41
0.51
E
0.160
0.180
4.06
4.57
F
0.048
0.064
1.22
1.63
G
0.100 BSC
2.54 BSC
J
0.014
0.016
0.36
0.41
K
N
0.070
0.080
1.78
2.03
P
0.150
0.160
3.81
4.06
Q
0.150
0.160
3.81
4.06
R
0.440
0.460
11.18
11.68
S
0.695
0.725
17.65
18.42
U
0.840
0.860
21.34
21.84
V
0.182
0.194
4.62
4.92
0.220
0.240
5.59
6.10
STYLE 1:
PIN 1. GROUND
2. V (+) OUT
3. V SUPPLY
4. V (-) OUT
CASE 344F-01
ISSUE B
UNIBODY PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com