Electronic Components Datasheet Search
  English  ▼

X  

DM78L05 Datasheet(PDF) 1 Page - Dc Components

Part # DM78L05
Description  TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

DM78L05 Datasheet(HTML) 1 Page - Dc Components

  DM78L05 Datasheet HTML 1Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INTEGRATED CIRCUIT
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
Description
These regulators empoly internal current limiting and thermal
shutdown, making them essentially indestructible. They can
deliver up to 100mA output current, if the case temperature
can keep in TC=25oC. They are intended as fixed voltage
regulators in a wide range of applications including local(on-card)
regulation for elimination of noise and distribution problems
associated with single-point regulation. In addition, they can be
used with power pass elements to make high-current voltage
regulators.
Pinning
1 = Output
2 = Ground
3 = Input
DM78L05
DM78L05A
Characteristic
Symbol
Rating
Unit
Input Voltage
VI
30
V
Total Power Dissipation
PD
Internal limit
W
Operating Temperature Range
Topr
0 to +125
o
C
Maximum Junction Temperature
TJ
125
o
C
Storage Temperature Range
TSTG
-55 to +150
o
C
Lead Temperature(Soldering 10 Sec.)
TL
260
o
C
Absolute Maximum Ratings (TA=25oC)
SOT-89
Dimensions in inches and (millimeters)
.063(1.60)
.055(1.40)
.066(1.70)
.059(1.50)
.167(4.25)
.159(4.05)
.016(0.41)
.014(0.35)
.120(3.04)
.117(2.96)
.181(4.60)
.173(4.40)
.060(1.52)
.058(1.48)
.020(0.51)
.014(0.36)
.102(2.60)
.095(2.40)
1
2
3
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
DM78L05A
4.85
5.00
5.15
TJ=25oC
Output Voltage
DM78L05
VO
4.75
5.00
5.25
V
4.75
-
5.25
1mA IO 70mA
4.75
-
5.25
1mA IO 40mA, 7V Vin 25V
Line Regulation
Regline
-
-
150
mV
TJ=25oC, 7V Vin 20V
-
-
100
TJ=25oC, 8V Vin 20V
Load Regulation
Regload
-
-
30
mV
TJ=25oC, 1mA IO 40mA
-
-
60
TJ=25oC, 1mA IO 100mA
Input Bias Current
IIB
-
-
5.0
mA
TJ=25oC
Input Bias Current Change
∆IIB
-
-
0.1
mA
1mA IO 40mA
-
-
1.0
8V Vin 20V
Output Noise Voltage
Vn
-
40
-
µV
TA=25oC, 10Hz f 100KHz
Ripple Rejection
RR
47
62
-
dB
8V Vin 16V, f=120Hz
Dropout Voltage
VD
-
1.7
-
V
TJ=25oC
Peak Output Current
Imax
-
140
-
mA
TJ=25oC
Electrical Characteristics
(Vin=10V, Iout=40mA, 0oC TJ 125oC, Cin=0.33
µF, Cout=0.1µF, unless otherwise specified)
(Classified by function, voltage, & current)
(Listed in alphanumeric order)
Go to "QUICK REFERENCE TABLE" of Rectifiers!!
Go to "ALPHANUMERIC INDEX" of Rectifiers!!


Similar Part No. - DM78L05

ManufacturerPart #DatasheetDescription
logo
Dc Components
DM78L06 DCCOM-DM78L06 Datasheet
239Kb / 1P
TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
DM78L06A DCCOM-DM78L06A Datasheet
239Kb / 1P
TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
DM78L08 DCCOM-DM78L08 Datasheet
236Kb / 1P
TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
DM78L08A DCCOM-DM78L08A Datasheet
236Kb / 1P
TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
DM78L09 DCCOM-DM78L09 Datasheet
236Kb / 1P
TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - DM78L05

ManufacturerPart #DatasheetDescription
logo
Dc Components
DA78L05 DCCOM-DA78L05 Datasheet
214Kb / 1P
TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR
DA78L06 DCCOM-DA78L06 Datasheet
214Kb / 1P
TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR
DA78L08 DCCOM-DA78L08 Datasheet
214Kb / 1P
TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR
DE7805 DCCOM-DE7805 Datasheet
194Kb / 1P
TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR
DE7806 DCCOM-DE7806 Datasheet
195Kb / 1P
TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR
DE7824 DCCOM-DE7824 Datasheet
194Kb / 1P
TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR
DM78L06 DCCOM-DM78L06 Datasheet
239Kb / 1P
TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
DM78L08 DCCOM-DM78L08 Datasheet
236Kb / 1P
TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
DM78L09 DCCOM-DM78L09 Datasheet
236Kb / 1P
TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
DM78L12 DCCOM-DM78L12 Datasheet
239Kb / 1P
TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com