Electronic Components Datasheet Search
  English  ▼

X  

AMC8510 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AMC8510
Description  SINGLE PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMC8510 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AMC8510 Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC8510 Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC8510 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Preliminary Specification
- 1 -
© Andigilog, Inc. 2007
www.andigilog.com
February 2007 - 70A06002
aMC8510
SINGLE PHASE VARIABLE SPEED
FAN MOTOR CONTROLLER
Product Description
The aMC8510 is a full featured monolithic brushless DC
motor controller containing all the required driver functions to
implement fan speed control. This device features a
selectable slope pulse width modulator (PWM) for efficient
speed control that is compatible with analog and digital
control signals, programmable minimum speed setting,
selectable automatic fan power down mode for power
sensitive applications, latching PWM for enhanced noise
immunity, integrated fault timer with auto start retry, adaptive
motor kick start timer to insure start up, combined frequency
generator / rotor lock output, Hall amplifier with propriety
noise
immunity
circuitry
for
proper
drive
sequencing,
compatibility with differential non-buffered and buffered
sensors, op amp and pinned out reference for thermal sensor
voltage scaling, fixed non-overlapping commutation delay for
reduced power supply current spiking, two 40 V open drain
top drive outputs, two 100 mA complementary bottom drive
outputs that are ideally suited for driving power MOSFETs,
programmable cycle-by-cycle current limiting, under voltage
lockout and thermal shutdown protection, and an internal
shunt regulator for use with higher voltage motors.
Features
• Analog and digital speed control signal compatibility
• Selectable PWM speed control slope
• Programmable minimum speed setting
• Selectable automatic fan power down mode
• Latching PWM for enhanced noise immunity
• Integrated fault timer with auto start retry
• Adaptive motor kick start timer
• Combined frequency generator / rotor lock output
• Hall amplifier with propriety noise immunity circuitry
• Differential unbuffered and digital Hall compatibility
• Op amp and pinned out reference
• Two 40 V open drain top drive outputs
• Two 100 mA complementary bottom drive outputs
• Programmable cycle-by-cycle current limit protection
• Under voltage lockout
• Thermal shutdown protection
• Internal shunt regulator for higher voltage motors
• MSL-1 per JEDEC J-STD-020C
• Pb-free Matte Sn lead finish & RoHS Compliant Packages
•
Pin Configuration
Applications
•
PC, workstation and mainframe fans
•
Telcom, LAN server fans and blowers
•
Industrial control, card racks and instrumentation
Ordering Information
Part Number
Package
Junction Temperature Range
Marking
aMC8510D16
SOIC 16 Lead
aMC8510QS16
QSOP 16 Lead
-40°C to 150°C
aMC8510
Ayww
Ayww – Assembly site, year, workweek
Minimum
Speed Set
Phase 2
Top Drive
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
Phase 1
Phase 2
Bottom Drive
Bottom Drive
Phase 1
VDD
Current Sense
Input
Top Drive
Slope Select
aMC8510
Hall +
Reference
Output
Ground
Hall -
Freq Gen.
Non-Inverting
Input
Op Amp Output/
Inverting
Speed Control
Input
Input
Rotor Lock


Similar Part No. - AMC8510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC8500 ETC2-AMC8500 Datasheet
715Kb / 27P
TWO PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
AMC8500DE16 ETC2-AMC8500DE16 Datasheet
715Kb / 27P
TWO PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
AMC8500QS16 ETC2-AMC8500QS16 Datasheet
715Kb / 27P
TWO PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
AMC85020QS24 ETC2-AMC85020QS24 Datasheet
92Kb / 2P
SINGLE PHASE VARIABLE SPEED ADVANCED FAN CONTROLLER
AMC8520 ETC2-AMC8520 Datasheet
92Kb / 2P
SINGLE PHASE VARIABLE SPEED ADVANCED FAN CONTROLLER
More results

Similar Description - AMC8510

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM2001 ZETEX-ZXBM2001 Datasheet
269Kb / 8P
VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
ZXBM1004 ZETEX-ZXBM1004 Datasheet
265Kb / 12P
VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
ZXBM1017 ZETEX-ZXBM1017 Datasheet
157Kb / 12P
VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
ZXBM1016 ZETEX-ZXBM1016 Datasheet
252Kb / 12P
High efficiency variable speed single-phase fan motor controller
ZXBM2001 ZETEX-ZXBM2001_04 Datasheet
258Kb / 10P
VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
List of Unclassifed Man...
AMC8500 ETC2-AMC8500 Datasheet
715Kb / 27P
TWO PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
AMC8520 ETC2-AMC8520 Datasheet
92Kb / 2P
SINGLE PHASE VARIABLE SPEED ADVANCED FAN CONTROLLER
logo
Zetex Semiconductors
ZXBM200X ZETEX-ZXBM200X Datasheet
523Kb / 14P
VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM1016 DIODES-ZXBM1016 Datasheet
266Kb / 12P
High efficiency variable speed single-phase fan motor controller
FEBRUARY 2007
ZXBM2001 DIODES-ZXBM2001 Datasheet
234Kb / 10P
VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
OCTOBER 2004
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com