Electronic Components Datasheet Search
  English  ▼

X  

DLM5246B Datasheet(PDF) 2 Page - Dc Components

Part # DLM5246B
Description  TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

DLM5246B Datasheet(HTML) 2 Page - Dc Components

  DLM5246B Datasheet HTML 1Page - Dc Components DLM5246B Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
DC COMPONENTS CO., LTD.
Breakdown characteristics
DLM52 SERIES
mA
50
40
30
20
10
0
IZ
VZ
Test Current
IZ 20mA
changes in the power dissipation
due to the ambient temperature.
500
400
300
200
100
Ta(oC)
Ambient Temperature.
DLM5221B
2.4
20
30
1200
0.25
100
1.0
-0.070
188
DLM5222B
2.5
20
30
1250
0.25
100
1.0
-0.065
180
DLM5223B
2.7
20
30
1300
0.25
75
1.0
-0.060
167
DLM5225B
3.0
20
30
1600
0.25
50
1.0
-0.055
150
DLM5226B
3.3
20
28
1600
0.25
25
1.0
0.030
136
DLM5227B
3.6
20
24
1700
0.25
15
1.0
0.030
126
DLM5228B
3.9
20
23
1900
0.25
10
1.0
+0.038
115
DLM5229B
4.3
20
22
2000
0.25
5
1.0
+0.038
106
DLM5230B
4.7
20
19
1900
0.25
5
2.0
+0.045
97
DLM5231B
5.1
20
17
1600
0.25
5
2.0
+0.050
89
DLM5232B
5.6
20
11
1600
0.25
5
3.0
+0.058
81
DLM5233B
6.0
20
9
1600
0.25
5
3.5
+0.060
76
DLM5234B
6.2
20
7
1000
0.25
5
4.0
+0.062
73
DLM5235B
6.8
20
5
750
0.25
3
5.0
+0.065
67
DLM5236B
7.5
20
6
500
0.25
3
6.0
+0.068
61
DLM5237B
8.2
20
8
500
0.25
3
6.0
+0.075
55
DLM5238B
8.7
20
9
600
0.25
3
6.5
+0.075
52
DLM5239B
9.1
20
10
600
0.25
3
6.5
+0.076
50
DLM5240B
10
20
17
600
0.25
3
8.0
+0.077
45
DLM5241B
11
20
22
600
0.25
3
8.4
+0.079
41
DLM5242B
12
20
30
600
0.25
2
9.1
+0.082
38
DLM5243B
13
9.5
13
600
0.25
1
9.9
+0.082
35
DLM5244B
14
9.0
14
600
0.25
0.5
10
+0.082
32
DLM5245B
15
8.5
16
600
0.25
0.1
11
+0.083
30
DLM5246B
16
7.8
17
600
0.25
0.1
12
+0.084
28
DLM5247B
17
7.4
19
600
0.25
0.1
13
+0.084
27
DLM5248B
18
7.0
21
600
0.25
0.1
14
+0.085
25
DLM5249B
19
6.6
23
600
0.25
0.1
14
+0.085
24
DLM5250B
20
6.2
25
600
0.25
0.1
15
+0.086
23
DLM5251B
22
5.6
29
600
0.25
0.1
17
+0.086
21
DLM5252B
24
5.2
33
600
0.25
0.1
18
+0.087
19.1
DLM5253B
25
5.0
36
600
0.25
0.1
19
+0.087
18.2
DLM5254B
27
4.6
41
600
0.25
0.1
21
+0.087
16.8
DLM5255B
28
4.5
44
600
0.25
0.1
21
+0.089
16.2
DLM5256B
30
4.2
49
600
0.25
0.1
23
+0.090
15.1
DLM5257B
33
3.8
58
700
0.25
0.1
25
+0.091
13.8
DLM5258B
36
3.4
70
700
0.25
0.1
27
+0.091
12.6
DLM5259B
39
3.2
80
800
0.25
0.1
30
+0.092
11.6
TYPE
Maximum Reverse
Leakage Current
IR @ VR
µA
Volts
Maximum Zener
Impedance
ZZT@IZT ZZT@IZK
Ohms
Ohms
Nominal
Zener
Voltage
VZ@IZT
Volts
Zener
Test
Current
IZT
mA
IZK
mA
Typical
Temperature
Coefficient
% / oC
Max.
Zener
Current
IZM@TA
mA
RATING AND CHARACTERISTIC CURVES (DLM5221B THRU DLM5259B)
NOTE: Standard Zener Voltage Tolerance ± 5%
5V
10V
15V
20V
25V
30V
50
100
150
200
250



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com