Electronic Components Datasheet Search
  English  ▼

X  

DM431A Datasheet(PDF) 1 Page - Dc Components

Part # DM431A
Description  TECHNICAL SPECIFICATIONS OF ADJUSTABLE SHUNT REGULATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

DM431A Datasheet(HTML) 1 Page - Dc Components

  DM431A Datasheet HTML 1Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DM431
DM431A
DM431B
INTEGRATED CIRCUIT
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF ADJUSTABLE SHUNT REGULATOR
Features
* Programmable output voltage
* Temperature coefficient is 50ppm/oC typical
* Temperature compensated for operation over
* Full temperature range
* Low output noise voltage
* Fast turn on response
Pinning
1 = Reference
2 = Anode
3 = Cathode
Characteristic
Symbol
Rating
Unit
Cathode to Anode Voltage
VKA
37
V
Cathode Current Range(Continuous)
IK
-100 to +150
mA
Reference Input Current Range
Iref
+0.05 to +10
mA
Power Dissipation
PD
770
mW
Operating Temperature Range
Topr
0 to +70
o
C
Storage Temperature Range
TSTG
-55 to +150
o
C
Absolute Maximum Ratings
(Operating temperature range applies, unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
DM431
2.440
2.495
2.550
Reference Input Voltage
DM431A
Vref
2.470
2.495
2.520
V
VKA=VREF, IK=10mA
DM431B
2.480
2.495
2.510
Reference Input Voltage Deviation
∆Vref
-
4.0
17
mV
VKA=VREF, IK=10mA
Over Temperature Range
Tmin TA Tmax
Ratio of Change in Reference Input Voltage
∆Vref /
-
-1.4
-2.7
mV/V
IK=10mA,
∆VKA=10V-VREF
to Change in Cathode to Anode Voltage
∆VKA
-
-1.0
-2.0
IK=10mA,
∆VKA=36V-10V
Reference Input Current
Iref
-
2.0
4.0
µA
IK=10mA, R1=10k
Ω, R2=
Reference Input Current Deviation
∆Iref
-
0.4
1.2
µA
IK=10mA, R1=10k
Ω, R2=
Over Temperature Range
Tmin TA Tmax
Minimum Cathode Current for Regulation
IK(min)
-
0.4
1.0
mA
VKA=VREF
Off-State Cathode Current
IK(off)
-
0.1
1.0
µA
VKA=36V, VREF=0
Dynamic Impedance
ZKA
-
0.2
0.5
Ω
VKA=VREF, f 1.0KHz
IK=1 to 100mA
Electrical Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified)
SOT-89
Dimensions in inches and (millimeters)
.063(1.60)
.055(1.40)
.066(1.70)
.059(1.50)
.167(4.25)
.159(4.05)
.016(0.41)
.014(0.35)
.120(3.04)
.117(2.96)
.181(4.60)
.173(4.40)
.060(1.52)
.058(1.48)
.020(0.51)
.014(0.36)
.102(2.60)
.095(2.40)
1
2
3
(Refered to industrial part No.)
Go to "CROSS REFERENCE TABLE" of Transistors!!


Similar Part No. - DM431A

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
pcb power relay
logo
Willow Technologies Ltd
DM43 WILLOW-DM43 Datasheet
278Kb / 3P
pcb power relay
DM43-1011-25-1003 WILLOW-DM43-1011-25-1003 Datasheet
278Kb / 3P
pcb power relay
DM43-1011-25-1005 WILLOW-DM43-1011-25-1005 Datasheet
278Kb / 3P
pcb power relay
DM43-1011-25-1006 WILLOW-DM43-1011-25-1006 Datasheet
278Kb / 3P
pcb power relay
More results

Similar Description - DM431A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
Adjustable Shunt Regulator
AX432 ETC-AX432 Datasheet
176Kb / 7P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
Adjustable shunt regulator
logo
Dc Components
DA431 DCCOM-DA431 Datasheet
217Kb / 1P
TECHNICAL SPECIFICATIONS OF ADJUSTABLE SHUNT REGULATOR
DN431 DCCOM-DN431 Datasheet
230Kb / 1P
TECHNICAL SPECIFICATIONS OF ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
Adjustable shunt regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
Adjustable shunt regulator
logo
Dc Components
TL431 DCCOM-TL431 Datasheet
201Kb / 2P
TECHNICAL SPECIFICATIONS OF ADJUSTABLE SHUNT REGULATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com