Electronic Components Datasheet Search
  English  ▼

X  

PZTA56 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PZTA56
Description  PNP general purpose transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZTA56 Datasheet(HTML) 2 Page - NXP Semiconductors

  PZTA56 Datasheet HTML 1Page - NXP Semiconductors PZTA56 Datasheet HTML 2Page - NXP Semiconductors PZTA56 Datasheet HTML 3Page - NXP Semiconductors PZTA56 Datasheet HTML 4Page - NXP Semiconductors PZTA56 Datasheet HTML 5Page - NXP Semiconductors PZTA56 Datasheet HTML 6Page - NXP Semiconductors PZTA56 Datasheet HTML 7Page - NXP Semiconductors PZTA56 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 Apr 01
2
Philips Semiconductors
Product specification
PNP general purpose transistor
PZTA56
FEATURES
• Low current (max. 500 mA)
• Low voltage (max. 80 V).
APPLICATIONS
• Telephony and professional communication equipment.
DESCRIPTION
PNP transistor in a SOT223 plastic package.
NPN complement: PZTA06.
PINNING
PIN
DESCRIPTION
1
base
2, 4
collector
3
emitter
Fig.1 Simplified outline (SOT223) and symbol.
handbook, halfpage
4
12
3
MAM288
Top view
3
2, 4
1
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−80
V
VCEO
collector-emitter voltage
open base
−−80
V
ICM
peak collector current
−−1A
Ptot
total power dissipation
Tamb ≤ 25 °C
−
1.2
W
hFE
DC current gain
IC = −100 mA; VCE = −1 V
100
−
fT
transition frequency
IC = −100 mA; VCE = −1 V; f = 100 MHz
50
−
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com