Electronic Components Datasheet Search
  English  ▼

X  

MPXY8040A Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPXY8040A
Description  Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXY8040A Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPXY8040A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 12Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 13Page - Freescale Semiconductor, Inc MPXY8040A Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Sensors
10
Freescale Semiconductor
MPXY8000
SENSOR CHARACTERISTICS (MPXY8020A)
Pressure Error
Figure 9. Pressure Error vs Pressure at T = 25°C, 2.7 V
≤ VDD ≤ 3.3 V
Figure 10. Pressure Error vs VDD at T = 25°C, 250 kPa ≤ P ≤ 450 kPa
Figure 11. Pressure Error vs Temperature at VDD = 3.0 V, 250 kPa ≤ P ≤ 450 kPa
0
5
10
15
20
25
30
50
100
150
200
250
300
350
400
450
500
550
600
Pressure [kPa]
0
5
10
15
20
25
30
2.1
2.3
2.9
3.1
3.3
3.5
VDD [V]
35
2.5
2.7
0
5
10
15
20
25
30
35
–40
–20
0
20
40
60
80
100
Temperature [°C]
120
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com