Electronic Components Datasheet Search
  English  ▼

X  

ASC7512M8 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # ASC7512M8
Description  DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7512M8 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button ASC7512M8 Datasheet HTML 27Page - List of Unclassifed Manufacturers ASC7512M8 Datasheet HTML 28Page - List of Unclassifed Manufacturers ASC7512M8 Datasheet HTML 29Page - List of Unclassifed Manufacturers ASC7512M8 Datasheet HTML 30Page - List of Unclassifed Manufacturers ASC7512M8 Datasheet HTML 31Page - List of Unclassifed Manufacturers ASC7512M8 Datasheet HTML 32Page - List of Unclassifed Manufacturers ASC7512M8 Datasheet HTML 33Page - List of Unclassifed Manufacturers ASC7512M8 Datasheet HTML 34Page - List of Unclassifed Manufacturers ASC7512M8 Datasheet HTML 35Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
- 34 -
© Andigilog, Inc. 2006
www.andigilog.com
August 2006 - 70A05003
aSC7512
M8 Package – 8-Lead MSOP Package Dimensions
Pb-Free Package
2.85mm (min)
3.05mm (max)
4.75mm (min)
5.05mm (max)
0.95mm BSC
2.90mm (min)
3.10mm (max)
0.25mm (min)
0.40mm (max)
2.90mm (min)
3.10mm (max)
4.75mm (min)
5.05mm (max)
0.65mm BSC
1.10mm (max)
0.525mm
BSC
α 0° (min)
6° (max)
2.85mm (min)
3.05mm (max)
0.10m
m
0.78mm (min)
0.94mm (max)
0.05mm (min)
0.15mm (max)
2.90mm (min)
3.10mm (max)
A
A
0.25mm (min)
0.40mm (max)
0.25mm (min)
0.35mm (max)
0.13mm (min)
0.23mm (max)
0.13mm (min)
0.18mm (max)
β
γ
0° (min)
6° (max)
9° (min)
15°
(max)
0.40mm (min)
0.70mm (max)
Detail
B
Section A
Detail
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com