Electronic Components Datasheet Search
  English  ▼

X  

ATS20 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ATS20
Description  LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS20 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ATS20 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATS20 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
- 6 -
© Andigilog, Inc. 2003
www.andigilog.com
70A03201-004
aTS20
Typical Applications (cont’d)
Figure 6. Thermostat/Fan Controller
Analog
to
Digital
Converter
aTS20
0.1µF
Bypass
Cap
V
DD
GND
V
OUT
C
FILTER
R
FILTER
Microcontroller
Analog
to
Digital
Converter
aTS20
0.1µF
Bypass
Cap
V
DD
GND
V
OUT
C
FILTER
R
FILTER
Microcontroller
Figure 7. Digital Temperature output through a microcontroller
Shunt Voltage
Reference
RVD1
VREF
RHYST
VOUT
VCONTROL
+
–
RVD2
V+
RV+
V+
0.1
μF
VTRIP
aTS20
VOUT
VHYST1
VHYST2
VCONTROL
Note: VREF is set by the Shunt Voltage Reference. For VCONTROL high is an alarm state or control for activating cooling/fan.
(VREF ) • (RVD2 )
RVD1 +
(RVD2) • (RHYST )
RHYST + RVD2
VHYST2 =
(VREF) • (RVD2 )
RVD2 + (RVD1 ) • (RHYST )
RHYST + RVD1
VHYST1 =



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com