Electronic Components Datasheet Search
  English  ▼

X  

ATS51S3 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ATS51S3
Description  LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS51S3 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ATS51S3 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATS51S3 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS51S3 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS51S3 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS51S3 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS51S3 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS51S3 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS51S3 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS51S3 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
- 4 -
© Andigilog, Inc. 2003
www.andigilog.com
70A03203-004
aTS51
Typical Performance Characteristics
-50
0
50
100
Temperature (°C)
VDD =+5V
lower spec limit
-4
-3
-2
-1
0
1
2
3
upper spec limit
-40
25
125
4
-50
0
50
100
Temperature (°C)
VDD =+5V
lower spec limit
-4
-3
-2
-1
0
1
2
3
upper spec limit
-40
25
125
4
Figure 2. aTS51 Accuracy Range vs Temperature
90
110
120
130
-50
-25
0
25
50
75
100
125
-50
-25
0
25
50
75
100
125
Temperature (°C)
V
DD = +5V
60
70
80
50
40
30
20
10
0
100
90
110
120
130
-50
-25
0
25
50
75
100
125
-50
-25
0
25
50
75
100
125
Temperature (°C)
V
DD = +5V
100
60
70
80
50
40
30
20
10
0
Figure 3. aTS51 Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com