Electronic Components Datasheet Search
  English  ▼

X  

ATS75M8 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ATS75M8
Description  LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR With Thermal Alarm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS75M8 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ATS75M8 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATS75M8 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS75M8 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS75M8 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS75M8 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS75M8 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS75M8 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS75M8 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS75M8 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
- 2 -
© Andigilog, Inc. 2005
www.andigilog.com
April 2006 - 70A03204
aTS75
Absolute Maximum Ratings
1
Parameter
Rating
Supply Voltage
+7V
Output Voltage
VCC + 0.5V
Continuous Current, any terminal
10mA
Storage Temperature Range
-60
°C to +150°C
Lead Soldering Temperature
220
°C
Human Body Model
Class 1B
Machine Model
Class A
ESD
2
Charged Device Model
Class IV
Electrical Characteristics
3
(-30°C
≤T
A ≤ +125°C, V C C = 5.0V unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Specified Temperature Range
TMIN, TMAX
-30
—
+125
°C
Temperature Conversion Time
4
90
ms
Accuracy
5
TA= 0°C
TA=+25°C
TA=+100°C
TA = -30°C (TMIN)
TA=+125°C (TMAX)
-3
-2
-3
-4
-4
—
—
—
—
—
+3
+2
+3
+4
+4
°C
°C
°C
°C
°C
Logic Electrical Characteristics (TA = 25 °C, VDD = 5V unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Min Input Voltage Logic High
VIH
VDD X 0.7
VDD + 0.5
V
Max Input Voltage Logic Low
VIL
-0.3
VDD X 0.3
V
Max Output Voltage Logic Low
VOL
VDD= 5V, IOL = -3mA
VDD= 3V, IOL = -1.5mA
0.36
0.36
V
Quiescent Supply Current
IDD
Interface Inactive
R/W Activity on SDA
220
350
250
500
µA
Shutdown Current
IDD-SD
Interface Inactive
R/W Activity on SDA
0.15
83
1
150
µA
Input Leakage Current
IIN
VIN = 0V or 5V, TA = 25 °C
-40°C < TA < 125 °C
±0.1
±1.0
µA
Output Sink Current
IOL
TA = 25 °C, VOL = 0.4V
3
mA
Output Leakage Current
ILEAK
VOH = 5V, VDD = 0V
0.001
5
µA
Output Transition Time
tF
CL= 400pF, IOL = -3mA
250
ns
Input Capacitance
CIN
All Digital Inputs
20
pF
Notes:
1. Absolute maximum ratings are limits beyond which operation may cause permanent damage to the device. These are
stress ratings only; functional operation at or above these limits is not implied.
2. Human Body Model: 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. Machine Model: 200pF capacitor
discharged directly into each pin.
3. These specifications are guaranteed only for the test conditions listed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com