Electronic Components Datasheet Search
  English  ▼

X  

KUSB-488B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KUSB-488B
Description  IEEE-488 (GPIB) Interface Solutions
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KUSB-488B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KUSB-488B Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A Greater Measure of Confidence
www.keithley.com
1.888.KEITHLEY (U.S. only)
KPCI-488lPa
Kusb-488b
IEEE-488 (GPIB) Interface Solutions
• PCI and usb bus versions
• IEEE-488.2 compatible for fast
data transfer
• Windows® 7/Vista/XP/2000
drivers included
• labVIEW® and labWindows/CVI
support
• Compatible with any standard
GPIb instrument
Keithley’s GPIB interface solutions make it easy
to add standard IEEE-488.2 bus control to any
PC system. These high speed tools can control
as many as 14 GPIB instruments or other devices
over a distance of up to 20 meters. They are
ideal for use with automated test equipment in
laboratory and industrial applications.
The Keithley Model KPCI-488LPA is a low-
profile, GPIB interface plug-in card that is
32-bit/33MHz PCI bus compatible. Its PCI
interface supports both 3.3V and 5V PCI envi-
ronments, making it suitable for most desktop
computers and industrial PCs, including the
new low-profile desktop systems. This low-cost
solution supports Windows 7/Vista/XP/2000, and
its driver library is command compatible with
National Instruments™ and Capital Equipment
Corporation™ command functions.
The Keithley Model KUSB-488B USB-to-GPIB
interface turns any computer with a USB port
into a fully functional GPIB controller. The
KUSB-488B’s small form factor makes it per-
fect for use with laptop computers in portable
applications or for other applications in which
the computer has no available PCI plug-in board
slots. The product is USB 2.0 compliant and
has an IEEE data transfer rate upwards of 1.5
MB/s through the USB port. No external power
is required. KUSB-488B has a built-in 2-meter
USB cable.
software
The included utility software simplifies the setup
and use of Keithley GPIB interface solutions and
saves programming time. Every solution ships
with 32-bit dynamic link libraries for Application
Development Environments (ADEs) running
under Windows 7/Vista/XP/2000 and drivers for
the most current programming languages. This
adds up to full compatibility with a full array of
software, including:
• Microsoft Visual Studio 6.0 (Visual Basic,
Visual C++)
• Microsoft Visual Studio .NET (Visual
Basic .NET, C#)
• Microsoft Visual Studio 2005 and up
• Borland Delphi, Borland C Builder 6.0
• LabVIEW Version 7.0 and up (VISA and
IEEE-488.2)
• LabWindows™/CVI Version 7.0 and up (VISA
and IEEE-488.2)
Hardware Compatibility
These GPIB Interface solutions are fully compat-
ible with all of Keithley’s GPIB capable instru-
ments. The Model 7010 adapter is required
for the Model 428-PROG when used with
the KUSB-488B.
ordering Information
KPCI-488lPa IEEE-488.2 Interface
board for the PCI bus
Kusb-488b IEEE-488.2
usb-to-GPIb Interface
adapter for usb Port.
built in 2m (6.6 ft) cable
KPCI-488lPa
Kusb-488b
Bus/Form Factor
PCI
USB
Dimensions
4.7
× 2.5 in (120 × 64.5 mm)
3.2
× 2.6 × 1.1 in (81.7 × 66.1 × 27.8 mm)
Power (Current @ 5VDC)
400 mA typ., 750 mA max .
500 mA
Transfer Speed
1.5 Mbyte/s
1.5 Mbyte/s
EMC
European Directive 2004/108/EEC
European Directive 2004/108/EEC
Environmental
Operating: 0° to 55°C, 10% to 90% RH
non-condensing
Storage: –20° to 80°C, 5% to 90% RH
non-condensing
Operating: 0° to 55°C, 10% to 90% RH
non-condensing
Storage: –20° to 80°C, 5% to 95% RH
non-condensing


Similar Part No. - KUSB-488B

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
KUSB-488B TEKTRONIX-KUSB-488B Datasheet
1,012Kb / 13P
Series 2280S Precision Measurement, Low Noise, Programmable DC Power Supplies
KUSB-488B TEKTRONIX-KUSB-488B Datasheet
481Kb / 12P
Series 2400 SourceMeter SMU Instruments
KUSB-488B TEKTRONIX-KUSB-488B Datasheet
272Kb / 3P
Dual-Channel Picoammeter
KUSB-488B TEKTRONIX-KUSB-488B Datasheet
461Kb / 5P
DC Current Source AC and DC Current Source
KUSB-488B TEKTRONIX-KUSB-488B Datasheet
293Kb / 4P
Sub-femtoamp Remote SourceMeter짰 SMU Instrument
More results

Similar Description - KUSB-488B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75160A NSC-DS75160A Datasheet
209Kb / 10P
IEEE-488 GPIB Transceivers
logo
List of Unclassifed Man...
I72120 ETC-I72120 Datasheet
173Kb / 3P
PCI to GPIB interface ASIC
logo
National Semiconductor ...
DS75162A NSC-DS75162A Datasheet
185Kb / 10P
IEEE-488 GPIB Transceivers
logo
List of Unclassifed Man...
AM3448A ETC1-AM3448A Datasheet
295Kb / 5P
IEEE-488 QUAD BIDIRECTIONAL TRANSCEIVER
I72110 ETC1-I72110 Datasheet
134Kb / 2P
uP to GPIB interface ASIC
logo
National Instruments Co...
PMC-GPIB NI-PMC-GPIB Datasheet
609Kb / 3P
GPIB Interface for PCI Mezzanine Bus
NIEXPRESSCARD-GPIB NI-NIEXPRESSCARD-GPIB Datasheet
324Kb / 3P
GPIB Plug-In Interface for ExpressCard
logo
List of Unclassifed Man...
LPCI-3488A ETC2-LPCI-3488A Datasheet
390Kb / 2P
High-Performance IEEE-488 GPIB Interface for USB/PCI
1351774 ETC2-1351774 Datasheet
98Kb / 3P
GPIB unshielded, for use with electronic equipment that is IEEE-488 compatible
logo
Fairchild Semiconductor
AN-5010 FAIRCHILD-AN-5010 Datasheet
220Kb / 10P
IEEE 1284 Interface Design Solutions
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com