Electronic Components Datasheet Search
  English  ▼

X  

7580011 Datasheet(PDF) 2 Page - Turck, Inc.

Part # 7580011
Description  Isolating switching amplifier 1-channel
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

7580011 Datasheet(HTML) 2 Page - Turck, Inc.

  7580011 Datasheet HTML 1Page - Turck, Inc. 7580011 Datasheet HTML 2Page - Turck, Inc. 7580011 Datasheet HTML 3Page - Turck, Inc. 7580011 Datasheet HTML 4Page - Turck, Inc. 7580011 Datasheet HTML 5Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com2 / 5
Type
IMX12-DI03-1S-2R-SPR/24VDC/CC
ID
7580011
Nominal voltage
24 VDC
Operating voltage
10…30 VDC
Power consumption
ð
1.2 W
Power dissipation, typical
ð
1.03 W
NAMUR input
NAMUR
EN 60947-5-6
Input circuit monitoring
on/off switchable
No-load voltage
8.2 VDC
Short-circuit current
8.2 mA
Input resistance
1 kò
Cable resistance
ð
50 ò
Switch-on threshold
1.75 mA
Switch-off threshold
1.55 mA
Wire breakage threshold
ð
0.06 mA
Short-circuit threshold
ï
6.4 mA
Output circuits
Output circuits (digital)
2 x relays (change-over)
Output switching voltage relay
ð
30 VDC / ð 250 VAC
Switching current per output
ð
2 A
Switching capacity per output
ð
500 VA/60 W
Switching frequency
ð
15 Hz
Contact quality
AgNi, 0.3µ Au
Power-Bridge common alarm output
MOSFET, Umax = 30 V, Imax = 100 mA
Galvanic isolation
Test voltage
2.5 kV RMS
Input 1 to output 1
375 V peak value acc. to EN 60079-11
Input 1 to supply
375 V peak value acc. to EN 60079-11
Output 1 to supply
300 V RMS acc. to EN 50178 and EN 61010-1
Important note
For Ex-applications the values specified in the corre-
sponding Ex certificates (ATEX, IECEx, UL, etc.) ap-
ply.
Ex approval acc. to conformity certificate
TÜV 14 ATEX 147004 X
Application area
II (1) G, II (1) D
Ignition protection category
[Ex ia Ga] IIC; [Ex ia Da] IIIC
Application area
II 3 (1) G
Ignition protection type
Ex nA nC [ia Ga] IIC T4 Gc
Important note
If the device is used in applications to achieve func-
tional safety according to IEC 61508, the safety
manual must be used. Information in the data sheet
are not valid for functional safety.
Use in SIL safety circuits
SIL 2 acc. to IEC 61508
Displays/Operating elements
Operational readiness
Green
Switching state
Yellow
Error indication
red
Dimensions
Output relay – Load curve



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com