Electronic Components Datasheet Search
  English  ▼

X  

RPL-1.0 Datasheet(PDF) 2 Page - Recom International Power

Part # RPL-1.0
Description  1Amp ◊ Input: 3-22VDC ◊ 11 Pad LGA Package RPL-1.0 Series ◊ Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPL-1.0 Datasheet(HTML) 2 Page - Recom International Power

  RPL-1.0 Datasheet HTML 1Page - Recom International Power RPL-1.0 Datasheet HTML 2Page - Recom International Power RPL-1.0 Datasheet HTML 3Page - Recom International Power RPL-1.0 Datasheet HTML 4Page - Recom International Power RPL-1.0 Datasheet HTML 5Page - Recom International Power RPL-1.0 Datasheet HTML 6Page - Recom International Power RPL-1.0 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical Data Sheet
DC/DC Converter
Rev. 1-2024
Page 2
1Amp ◊ Input: 3-22VDC ◊ 11 Pad LGA Package
copyright © RECOM Power GmbH, all rights reserved
www.recom-power.com
RPL-1.0 Series ◊ Power Module
BASIC CHARACTERISTICS (measured @ TAMB= 25°C, nom. VIN, full load and after warm-up unless otherwise stated)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Input Voltage Range
VIN
refer to
„Safe Operating Area“
3VDC
22VDC
Under Voltage Lockout UVLO
rising
2.63VDC
2.8VDC
2.97VDC
Under Voltage Lockout Hysteresis
170mV
Quiescent Current
IQ
VFB = 0.7VDC
5µA
9µA
Output Voltage Range
VOUT
refer to
„Safe Operating Area“
0.6VDC
12VDC
Standby Current
IIN
2µA
Feedback Voltage
VFB
594mV
600mV
606mV
TAMB= -40°C to 125°C
591mV
600mV
609mV
Maximum Duty Cycle
DMAX
VFB = 500mV
96%
98%
Minimum On Time
40ns
Minimum Off Time
140ns
Soft Start
VOUT from 10% to 90%
1ms
1.3ms
1.6ms
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Min.
Typ.
Max.
Absolute Maximum Voltage
VIN
-0.3VDC
24VDC
VCTRL
-0.3VDC
24VDC
VSW
-0.3VDC
24VDC
VPG
0VDC
6.5VDC
others
-0.3VDC
4.3VDC
Maximum Continuous Power Losses (3)
TAMB = +25°C
1.78W
Junction Temperature
TJ
+150°C
Lead Temperature
+260°C
Typical Application
Safe Operating Area
0
2
4
6
8
10
12
14
25
20
10
15
5
0
Output Voltage [VDC]
22
12
3
2.94
0.6
VOUT
V
out
FB
V
IN
VIN
CTRL
RPL-1.0
PG
VCC
VCC
RFB1
976k
Ω
R1
100k
Ω
RFB2
220k
Ω
CIN
20µF
COUT
22µF
PGND TP
R2
100k
Ω
VIN= 3-22VDC, VOUT= 3.3VDC, IOUT= 1A
Note3: Exceeding maximum allowable power dissipation causes device to enter thermal shutdown which protects device from permanent damage.
Note4: Stressed beyond those listed under absolute maximum ratings can cause permanent damage to the device.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com