Electronic Components Datasheet Search
  English  ▼

X  

MID112 Datasheet(PDF) 1 Page - Dc Components

Part # MID112
Description  TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

MID112 Datasheet(HTML) 1 Page - Dc Components

  MID112 Datasheet HTML 1Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MID112
DISCRETE SEMICONDUCTORS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
Pinning
1 = Base
2 = Collector
3 = Emitter
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
2
A
Total Power Dissipation(TC=25oC)
PD
20
W
Junction Temperature
TJ
+150
o
C
Storage Temperature
TSTG
-55 to +150
o
C
Absolute Maximum Ratings(TA=25oC)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector-Base Breakdown Voltage
BVCBO
100
-
-
V
IC=1mA
Collector-Emitter Breakdown Voltage
BVCEO
100
-
-
V
IC=30mA
Collector Cutoff Current
ICBO
-
-
10
µA
VCB=80V
ICEO
-
-
20
µA
VCE=50V
Emitter Cutoff Current
IEBO
-
-
2
mA
VBE=5V
Collector-Emitter Saturation Voltage(1)
VCE(sat)
-
-
2.5
V
IC=2A, IB=8mA
Base-Emitter On Voltage(1)
VBE(on)
-
-
2.8
V
IC=2A, VCE=3V
hFE1
500
-
-
-
IC=0.5A, VCE=3V
DC Current Gain(1)
hFE2
1K
-
12K
-
IC=2A, VCE=3V
hFE3
200
-
-
-
IC=4A, VCE=3V
Output Capacitance
Cob
-
-
100
pF
VCB=10V
Electrical Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified)
(1)Pulse Test: Pulse Width
380
µs, Duty Cycle 2%
TO-251
Dimensions in inches and (millimeters)
.284(7.20)
.268(6.80)
.217(5.50)
.205(5.20)
.268(6.80)
.252(6.40)
.256
(6.50)
Min
.035
(0.90)
Max
.032
(0.80)
Max
.181
(4.60)
Typ
.095(2.40)
.087(2.20)
.059(1.50)
.035(0.90)
.024(0.60)
.018(0.45)
.022(0.55)
.018(0.45)
.063(1.60)
.055(1.40)
1
2
3
2
Description
Designed for general purpose power and switching
such as output or driver stages in applications such
as switching regulators, converters, and amplifiers.


Similar Part No. - MID112

ManufacturerPart #DatasheetDescription
logo
Dc Components
MID117 DCCOM-MID117 Datasheet
222Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP DARLINGTON TRANSISTOR
More results

Similar Description - MID112

ManufacturerPart #DatasheetDescription
logo
Dc Components
DMBTA13 DCCOM-DMBTA13 Datasheet
227Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
DMBTA14 DCCOM-DMBTA14 Datasheet
227Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
DXTA13 DCCOM-DXTA13 Datasheet
237Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
MID122 DCCOM-MID122 Datasheet
223Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
MJD112 DCCOM-MJD112 Datasheet
244Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
MJD122 DCCOM-MJD122 Datasheet
244Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
MPSA13 DCCOM-MPSA13 Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
MPSA14 DCCOM-MPSA14 Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
TIP112 DCCOM-TIP112 Datasheet
195Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
TIP122 DCCOM-TIP122 Datasheet
195Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN DARLINGTON TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com