Electronic Components Datasheet Search
  English  ▼

X  

K224K20X7RF5TH5.. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # K224K20X7RF5TH5..
Description  Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K224K20X7RF5TH5.. Datasheet(HTML) 2 Page - Vishay Siliconix

  K224K20X7RF5TH5.. Datasheet HTML 1Page - Vishay Siliconix K224K20X7RF5TH5.. Datasheet HTML 2Page - Vishay Siliconix K224K20X7RF5TH5.. Datasheet HTML 3Page - Vishay Siliconix K224K20X7RF5TH5.. Datasheet HTML 4Page - Vishay Siliconix K224K20X7RF5TH5.. Datasheet HTML 5Page - Vishay Siliconix K224K20X7RF5TH5.. Datasheet HTML 6Page - Vishay Siliconix K224K20X7RF5TH5.. Datasheet HTML 7Page - Vishay Siliconix K224K20X7RF5TH5.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
K Series
www.vishay.com
Vishay BCcomponents
Revision: 21-Aug-13
2
Document Number: 45171
For technical questions, contact: cmll@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Bulk packed types have a standard lead length L = 30 mm ± 5 mm.
• The K5 lead style is not available for size 10.
• L2 and H5 are preferred styles.
Notes
• The capacitance code indicates actual capacitance in pF when capacitance value < 100 pF.
• Two significant digits followed by one digit for the multiplier as given following: 1 = * 10, 2 = * 100, 3 = * 1000, 4 = * 10 000, 5 = * 100 000.
• The tolerance codes are J = 5 %, K = 10 %, M = 20 % and Z = + 80 %/- 20 %.
LEAD CONFIGURATION AND DIMENSIONS (in millimeters)
SIZE CODE
WbMAX.
HMAX.
TMAX.
MAXIMUM SEATING HEIGHT (SH)
L2
H5
K2
K5
10
3.6
3.6
2.3
1.6
2.6
3.5
-
15
4.0
4.0
2.6
1.6
2.6
3.5
3.5
20
5.0
5.0
3.2
1.6
2.6
3.5
3.5
MARKING
ORDERING CODE INFORMATION
K
104
K
15
X7R
F
5
3
H
5
1
2 3 4
5
6 7
8 9 10
11
12
13
14
15
Product
Type
Capacitance
(pF)
Capacitance
Tolerance
Size
Code
T.C.
Code
Rated
Voltage
Lead
Diameter
Packaging/
Lead Length
Lead
Style
Lead
Spacing
K = Radial
leaded MLCC
The first two digits
are the significant
figures of
capacitance and
the last digit is a
multiplier as
follows:
0 = * 1
1 = * 10
2 = * 100
3 = * 1000
4 = * 10 000
5 = * 100 000
J = ± 5 %
K = ± 10 %
M = ± 20 %
Z = + 80 %/
- 20 %
Please
refer to
relevant
datasheet
Please
refer to
relevant
datasheet
F = 50 VDC
H = 100 VDC
K = 200 VDC
L = 500 VDC
5 = 0.50 mm
± 0.05 mm
3 = Bulk
T = Tape
and reel
U = Ammo
H = Flat
crimp
L =
Straight
K =
Outside
crimp
2 = 2.5 mm
5 = 5.0 mm
Wb
H
SH
L
2.5 ± 0.8
K2
Component outline for
lead spacing 2.5 mm ± 0.8 mm
(outside kink)
Wb
H
SH
L
5.0 ± 0.8
K5
Component outline for
lead spacing 5.0 mm ± 0.8 mm
(outside kink)
T
H
SH
L
5.0 ± 0.8
H5
Wb
Component outline for
lead spacing 5.0 mm ± 0.8 mm
(flat bent leads)
L2
H
SH
L
2.5 ± 0.8
Wb
Component outline for
lead spacing 2.5 mm ± 0.8 mm
(straight leads)
X X
t
Vishay logo or BC logo
t: Tolerance code
XX: Capacitance code
SIZE 10 AND 15 CAPACITANCE VALUE < 100 pF
X X X
Vishay logo or BC logo
XXX: Capacitance code
SIZE 10 AND 15 CAPACITANCE VALUE ≥ 100 pF
X X X
t
Vishay logo or BC logo
t: Tolerance code
XXX: Capacitance code
SIZE 20



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com