Electronic Components Datasheet Search
  English  ▼

X  

IRF9358 Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF9358
Description  Dual P-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF9358 Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF9358 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF9358 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF9358 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF9358 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF9358 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF9358 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (TJ=25℃unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID= -250μA
-30
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS= -30V, VGS=0V,
-
-
-1
μA
IGSS
Gate to Body Leakage Current
VDS=0V, VGS= ±20V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID= -250μA
-1.0
-1.6
-2.5
V
RDS(on)
Static Drain-Source on-Resistance
Note3
VGS= -10V, ID= -10A
-
14
18
mΩ
VGS= -4.5V, ID= -5A
-
20
Ciss
Input Capacitance
VDS= -15V, VGS=0V,
f=1.0MHz
-
1330
-
pF
Coss
Output Capacitance
-
183
-
pF
Crss
Reverse Transfer Capacitance
-
156
-
pF
Qg
Total Gate Charge
VDS= -15V, ID= -5A,
VGS= -10V
-
22
-
nC
Qgs
Gate-Source Charge
-
1.0
-
nC
Qgd
Gate-Drain(“Miller”) Charge
-
1.8
-
nC
td(on)
Turn-on Delay Time
VDD= -15V, ID= -10A,
VGS=-10V, RGEN=2.5Ω
-
9
-
ns
tr
Turn-on Rise Time
-
13
-
ns
td(off)
Turn-off Delay Time
-
48
-
ns
tf
Turn-off Fall Time
-
20
-
ns
IS
Maximum Continuous Drain to Source Diode Forward
Current
-
-
-11
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
-40
A
VSD
Drain to Source Diode Forward
Voltage
VGS=0V, IS= -15A
-
-0.8
-1.2
V
trr
Reverse Recovery Time
TJ=25℃,
VDD= -24V,IF=-2.8A,
dI/dt=-100A/μs
-
64
-
ns
Qrr
Reverse Recovery Charge
-
25
-
nC
Notes:1. Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature
2. EAS condition: TJ=25℃, VGS=10V, RG=25Ω, L=0.5mH, IAS=-12.7A
3. Pulse Test: Pulse Width≤300μs, Duty Cycle≤0.5%
27
IRF9358
Dual P-Channel Enhancement Mode MOSFET
Rev:2023A2
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com